Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F616K Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 8Page - Cypress Semiconductor MB95F616K Datasheet HTML 9Page - Cypress Semiconductor MB95F616K Datasheet HTML 10Page - Cypress Semiconductor MB95F616K Datasheet HTML 11Page - Cypress Semiconductor MB95F616K Datasheet HTML 12Page - Cypress Semiconductor MB95F616K Datasheet HTML 13Page - Cypress Semiconductor MB95F616K Datasheet HTML 14Page - Cypress Semiconductor MB95F616K Datasheet HTML 15Page - Cypress Semiconductor MB95F616K Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 12 of 110
PRELIMINARY
MB95610H Series
(Continued)
: Available
1:For the I/O circuit types, see “I/O Circuit Type”.
2:N-ch open drain
3:Pull-up
Pin no. Pin name I/O circuit type*1
Function
I/O type
Input
Output OD*2 PU*3
70
P35
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG41
LCDC SEG41 output pin
TO10
8/16-bit composite timer ch. 1 output pin
71
P36
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG42
LCDC SEG42 output pin
EC1
8/16-bit composite timer ch. 1 clock input pin
72
P37
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG43
LCDC SEG43 output pin
TO0
16-bit reload timer ch. 0 output pin
73
P20
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG44
LCDC SEG44 output pin
TI0
16-bit reload timer ch. 0 input pin
74
P21
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG45
LCDC SEG45 output pin
UO1
UART/SIO ch. 1 data output pin
75
P22
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG46
LCDC SEG46 output pin
UCK1
UART/SIO ch. 1 clock I/O pin
76
P23
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG47
LCDC SEG47 output pin
UI1
UART/SIO ch. 1 data input pin
77
P24
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG48
LCDC SEG48 output pin
PPG00
8/16-bit PPG ch. 0 output pin
78
P25
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG49
LCDC SEG49 output pin
PPG01
8/16-bit PPG ch. 0 output pin
79
P26
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG50
LCDC SEG50 output pin
SCL
I2C bus interface ch. 0 clock I/O pin
80
P27
I
General-purpose I/O port
Hysteresis
CMOS/LC
D
——
SEG51
LCDC SEG51 output pin
SDA
I2C bus interface ch. 0 data I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com