| Electronic Components Datasheet Search |
|
MB95F616K Datasheet(PDF) 70 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F616K Datasheet(HTML) 70 Page - Cypress Semiconductor |
|
70 / 110 page ![]() Document Number: 002-04698 Rev. *A Page 70 of 110 PRELIMINARY MB95610H Series 17. Pin States in Each Mode (Continued) Pin name Normal operation Sleep mode Stop mode Watch mode On reset SPL=0 SPL=1 SPL=0 SPL=1 PF0/X0 Oscillation input Oscillation input Hi-Z Hi-Z Hi-Z Hi-Z — I/O port*1 I/O port*1 - Previous state kept - Input blocked*1, *2 -Hi-Z - Input blocked*1, *2 - Previous state kept - Input blocked*1, *2 -Hi-Z - Input blocked*1, *2 -Hi-Z - Input enabled*3 (However, it does not function.) PF1/X1 Oscillation input Oscillation input Hi-Z Hi-Z Hi-Z Hi-Z — I/O port*1 I/O port*1 - Previous state kept - Input blocked*1, *2 -Hi-Z - Input blocked*1, *2 - Previous state kept - Input blocked*1, *2 -Hi-Z - Input blocked*1, *2 -Hi-Z - Input enabled*3 (However, it does not function.) PF2/RST Reset input Reset input Reset input Reset input Reset input Reset input Reset input*4 I/O port*1 I/O port*1 - Previous state kept - Input blocked*1, *2 -Hi-Z - Input blocked*1, *2 - Previous state kept - Input blocked*1, *2 -Hi-Z - Input blocked*1, *2 -Hi-Z - Input enabled*3 (However, it does not function.) PG1/X0A Oscillation input Oscillation input Hi-Z Hi-Z Hi-Z Hi-Z — I/O port*1 I/O port*1 - Previous state kept - Input blocked*1, *2 -Hi-Z - Input blocked*1, *2 - Previous state kept - Input blocked*1, *2 -Hi-Z - Input blocked*1, *2 -Hi-Z - Input enabled*3 (However, it does not function.) PG2/X1A Oscillation input Oscillation input Hi-Z Hi-Z Hi-Z Hi-Z — I/O port*1 I/O port*1 - Previous state kept - Input blocked*1, *2 -Hi-Z - Input blocked*1, *2 - Previous state kept - Input blocked*1, *2 -Hi-Z - Input blocked*1, *2 -Hi-Z - Input enabled*3 (However, it does not function.) P00/INT00/ AN00 I/O port/ peripheral function I/O/ analog input I/O port/ peripheral function I/O/ analog input - Previous state kept - Input blocked*2, *5 -Hi-Z - Input blocked*2, *5 - Previous state kept - Input blocked*2, *5 -Hi-Z - Input blocked*2, *5 -Hi-Z - Input blocked*2 P01/INT01/ AN01 P02/INT02/ AN02 P03/INT03/ AN03 P04/SEG32 I/O port/ peripheral function I/O/ analog input I/O port/ peripheral function I/O/ analog input - Previous state kept - Input blocked*2 -Hi-Z - Input blocked*2 - Previous state kept - Input blocked*2 -Hi-Z - Input blocked*2 -Hi-Z - Input blocked*2 P05/SEG33/ ADTG P06/SEG34/ PPG10 P07/SEG35/ PPG11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |