Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F616K Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 69Page - Cypress Semiconductor MB95F616K Datasheet HTML 70Page - Cypress Semiconductor MB95F616K Datasheet HTML 71Page - Cypress Semiconductor MB95F616K Datasheet HTML 72Page - Cypress Semiconductor MB95F616K Datasheet HTML 73Page - Cypress Semiconductor MB95F616K Datasheet HTML 74Page - Cypress Semiconductor MB95F616K Datasheet HTML 75Page - Cypress Semiconductor MB95F616K Datasheet HTML 76Page - Cypress Semiconductor MB95F616K Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 73 of 110
PRELIMINARY
MB95610H Series
(Continued)
SPL: Pin state setting bit in the standby control register (STBC:SPL)
Hi-Z: High impedance
*1: The pin stays at the state shown when configured as a general-purpose I/O port.
*2: “Input blocked” means direct input gate operation from the pin is disabled.
*3: “Input enabled” means that the input function is enabled. While the input function is enabled, execute a pull-up or pull-down op-
eration to prevent leaks due to external input. If a pin is used as an output port, its pin state is the same as that of other ports.
*4: The PF2/RST pin stays at the state shown when configured as a reset pin.
*5: Though input is blocked, an external interrupt can be input when the external interrupt request is enabled.
*6: The pull-up control setting is still effective.
*7: The I2C bus interface can wake up the MCU in stop mode or watch mode when its MCU standby mode wakeup function is enabled.
Pin name
Normal
operation
Sleep mode
Stop mode
Watch mode
On reset
SPL=0
SPL=1
SPL=0
SPL=1
COM0
Analog output
Analog output
- Previous state
kept
- Input blocked*2
-Hi-Z
- Input blocked*2
- Previous state
kept
- Input blocked*2
-Hi-Z
- Input blocked*2
-Hi-Z
- Input
blocked*2
COM1
COM2
COM3
COM4/
SEG00
COM5/
SEG01
COM6/
SEG02
COM7/
SEG03
SEG04
Analog output
Analog output
- Previous state
kept
- Input blocked*2
-Hi-Z
- Input blocked*2
- Previous state
kept
- Input blocked*2
-Hi-Z
- Input blocked*2
-Hi-Z
- Input
blocked*2
SEG05
SEG06
SEG07
SEG08
SEG09
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
SEG24
SEG25
SEG26
SEG27
SEG28
SEG29
SEG30
SEG31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com