Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F616K Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 6Page - Cypress Semiconductor MB95F616K Datasheet HTML 7Page - Cypress Semiconductor MB95F616K Datasheet HTML 8Page - Cypress Semiconductor MB95F616K Datasheet HTML 9Page - Cypress Semiconductor MB95F616K Datasheet HTML 10Page - Cypress Semiconductor MB95F616K Datasheet HTML 11Page - Cypress Semiconductor MB95F616K Datasheet HTML 12Page - Cypress Semiconductor MB95F616K Datasheet HTML 13Page - Cypress Semiconductor MB95F616K Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 10 of 110
PRELIMINARY
MB95610H Series
(Continued)
Pin no. Pin name I/O circuit type*1
Function
I/O type
Input
Output OD*2 PU*3
21
P00
G
General-purpose I/O port
Hysteresis/
analog
CMOS
—
—
INT00
External interrupt input pin
AN00
8/10-bit A/D converter analog input pin
22
P01
G
General-purpose I/O port
Hysteresis/
analog
CMOS
—
—
INT01
External interrupt input pin
AN01
8/10-bit A/D converter analog input pin
23
P02
G
General-purpose I/O port
Hysteresis/
analog
CMOS
—
—
INT02
External interrupt input pin
AN02
8/10-bit A/D converter analog input pin
24
P03
G
General-purpose I/O port
Hysteresis/
analog
CMOS
—
—
INT03
External interrupt input pin
AN03
8/10-bit A/D converter analog input pin
25
COM0
H
LCDC COM0 output pin
Hysteresis
LCD
—
—
26
COM1
H
LCDC COM1 output pin
Hysteresis
LCD
—
—
27
COM2
H
LCDC COM2 output pin
Hysteresis
LCD
—
—
28
COM3
H
LCDC COM3 output pin
Hysteresis
LCD
—
—
29
COM4
H
LCDC COM4 output pin
Hysteresis
LCD
—
—
SEG00
LCDC SEG00 output pin
30
COM5
H
LCDC COM5 output pin
Hysteresis
LCD
—
—
SEG01
LCDC SEG01 output pin
31
COM6
H
LCDC COM6 output pin
Hysteresis
LCD
—
—
SEG02
LCDC SEG02 output pin
32
COM7
H
LCDC COM7 output pin
Hysteresis
LCD
—
—
SEG03
LCDC SEG03 output pin
33
SEG04
H
LCDC SEG04 output pin
Hysteresis
LCD
—
—
34
SEG05
H
LCDC SEG05 output pin
Hysteresis
LCD
—
—
35
SEG06
H
LCDC SEG06 output pin
Hysteresis
LCD
—
—
36
SEG07
H
LCDC SEG07 output pin
Hysteresis
LCD
—
—
37
SEG08
H
LCDC SEG08 output pin
Hysteresis
LCD
—
—
38
SEG09
H
LCDC SEG09 output pin
Hysteresis
LCD
—
—
39
SEG10
H
LCDC SEG10 output pin
Hysteresis
LCD
—
—
40
SEG11
H
LCDC SEG11 output pin
Hysteresis
LCD
—
—
41
SEG12
H
LCDC SEG12 output pin
Hysteresis
LCD
—
—
42
SEG13
H
LCDC SEG13 output pin
Hysteresis
LCD
—
—
43
SEG14
H
LCDC SEG14 output pin
Hysteresis
LCD
—
—
44
SEG15
H
LCDC SEG15 output pin
Hysteresis
LCD
—
—
45
SEG16
H
LCDC SEG16 output pin
Hysteresis
LCD
—
—
46
SEG17
H
LCDC SEG17 output pin
Hysteresis
LCD
—
—
47
SEG18
H
LCDC SEG18 output pin
Hysteresis
LCD
—
—
48
SEG19
H
LCDC SEG19 output pin
Hysteresis
LCD
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com