Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F616K Datasheet(PDF) 68 Page - Cypress Semiconductor

Part # MB95F616K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F616K Datasheet(HTML) 68 Page - Cypress Semiconductor

Back Button MB95F616K Datasheet HTML 64Page - Cypress Semiconductor MB95F616K Datasheet HTML 65Page - Cypress Semiconductor MB95F616K Datasheet HTML 66Page - Cypress Semiconductor MB95F616K Datasheet HTML 67Page - Cypress Semiconductor MB95F616K Datasheet HTML 68Page - Cypress Semiconductor MB95F616K Datasheet HTML 69Page - Cypress Semiconductor MB95F616K Datasheet HTML 70Page - Cypress Semiconductor MB95F616K Datasheet HTML 71Page - Cypress Semiconductor MB95F616K Datasheet HTML 72Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 68 of 110
PRELIMINARY
MB95610H Series
15.8.3 Port G registers
■ Port G register functions
■ Correspondence between registers and pins for port G
15.8.4 Port G operations
■ Operation as an output port
❐ A pin becomes an output port if the bit in the DDRG register corresponding to that pin is set to “1”.
❐ For a pin shared with other peripheral functions, disable the output of such peripheral functions.
❐ When a pin is used as an output port, it outputs the value of the PDRG register to external pins.
❐ If data is written to the PDRG register, the value is stored in the output latch and is output to the pin set as an output port as it is.
❐ Reading the PDRG register returns the PDRG register value.
■ Operation as an input port
❐ A pin becomes an input port if the bit in the DDRG register corresponding to that pin is set to “0”.
❐ For a pin shared with other peripheral functions, disable the output of such peripheral functions.
❐ If data is written to the PDRG register, the value is stored in the output latch but is not output to the pin set as an input port.
❐ Reading the PDRG register returns the pin value. However, if the read-modify-write (RMW) type of instruction is used to read the
PDRG register, the PDRG register value is returned.
■ Operation as a peripheral function input pin
❐ To set a pin as an input port, set the bit in the DDRG register corresponding to the input pin of a peripheral function to “0”.
❐ Reading the PDRG register returns the pin value, regardless of whether the peripheral function uses that pin as its input pin.
However, if the read-modify-write (RMW) type of instruction is used to read the PDRG register, the PDRG register value is returned.
■ Operation at reset
If the CPU is reset, all bits in the DDRG register are initialized to “0” and port input is enabled.
■ Operation in stop mode and watch mode
❐ If the pin state setting bit in the standby control register (STBC:SPL) is set to “1” and the device transits to stop mode or watch
mode, the pin is compulsorily made to enter the high impedance state regardless of the DDRG register value. The input of that
pin is locked to “L” level and blocked in order to prevent leaks due to input open.
❐ If the pin state setting bit is “0”, the state of the port I/O or that of the peripheral function I/O remains unchanged and the output
level is maintained.
■ Operation of the pull-up register
Setting the bit in the PULG register to “1” makes the pull-up resistor be internally connected to the pin. When the pin output is “L” level,
the pull-up resistor is disconnected regardless of the value of the PULG register.
Register
abbreviation
Data
Read
Read by read-modify-write
(RMW) instruction
Write
PDRG
0
Pin state is “L” level.
PDRG value is “0”.
As output port, outputs “L” level.
1
Pin state is “H” level.
PDRG value is “1”.
As output port, outputs “H” level.
DDRG
0
Port input enabled
1
Port output enabled
PULG
0
Pull-up disabled
1
Pull-up enabled
Correspondence between related register bits and pins
Pin name
-
-
-
-
-
PG2
PG1
-
PDRG
----
-
bit2
bit1
-
DDRG
PULG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com