Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F442-E/P Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 44Page - Microchip Technology PIC18F442-E/P Datasheet HTML 45Page - Microchip Technology PIC18F442-E/P Datasheet HTML 46Page - Microchip Technology PIC18F442-E/P Datasheet HTML 47Page - Microchip Technology PIC18F442-E/P Datasheet HTML 48Page - Microchip Technology PIC18F442-E/P Datasheet HTML 49Page - Microchip Technology PIC18F442-E/P Datasheet HTML 50Page - Microchip Technology PIC18F442-E/P Datasheet HTML 51Page - Microchip Technology PIC18F442-E/P Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 332 page
background image
PIC18FXX2
DS39564B-page 46
 2002 Microchip Technology Inc.
TABLE 4-2:
REGISTER FILE SUMMARY
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
TOSU
—
—
—
Top-of-Stack upper Byte (TOS<20:16>)
---0 0000
37
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
37
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
37
STKPTR
STKFUL
STKUNF
—
Return Stack Pointer
00-0 0000
38
PCLATU
—
—
—
Holding Register for PC<20:16>
---0 0000
39
PCLATH
Holding Register for PC<15:8>
0000 0000
39
PCL
PC Low Byte (PC<7:0>)
0000 0000
39
TBLPTRU
—
—
bit21(2)
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
58
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
58
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
58
TABLAT
Program Memory Table Latch
0000 0000
58
PRODH
Product Register High Byte
xxxx xxxx
71
PRODL
Product Register Low Byte
xxxx xxxx
71
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
75
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—
TMR0IP
—
RBIP
1111 -1-1
76
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
77
INDF0
Uses contents of FSR0 to address data memory - value of FSR0 not changed (not a physical register)
n/a
50
POSTINC0
Uses contents of FSR0 to address data memory - value of FSR0 post-incremented (not a physical register)
n/a
50
POSTDEC0 Uses contents of FSR0 to address data memory - value of FSR0 post-decremented (not a physical register)
n/a
50
PREINC0
Uses contents of FSR0 to address data memory - value of FSR0 pre-incremented (not a physical register)
n/a
50
PLUSW0
Uses contents of FSR0 to address data memory - value of FSR0 (not a physical register).
Offset by value in WREG.
n/a
50
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High Byte ---- 0000
50
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
50
WREG
Working Register
xxxx xxxx
n/a
INDF1
Uses contents of FSR1 to address data memory - value of FSR1 not changed (not a physical register)
n/a
50
POSTINC1
Uses contents of FSR1 to address data memory - value of FSR1 post-incremented (not a physical register)
n/a
50
POSTDEC1 Uses contents of FSR1 to address data memory - value of FSR1 post-decremented (not a physical register)
n/a
50
PREINC1
Uses contents of FSR1 to address data memory - value of FSR1 pre-incremented (not a physical register)
n/a
50
PLUSW1
Uses contents of FSR1 to address data memory - value of FSR1 (not a physical register).
Offset by value in WREG.
n/a
50
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High Byte ---- 0000
50
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
50
BSR
—
—
—
—
Bank Select Register
---- 0000
49
INDF2
Uses contents of FSR2 to address data memory - value of FSR2 not changed (not a physical register)
n/a
50
POSTINC2
Uses contents of FSR2 to address data memory - value of FSR2 post-incremented (not a physical register)
n/a
50
POSTDEC2 Uses contents of FSR2 to address data memory - value of FSR2 post-decremented (not a physical register)
n/a
50
PREINC2
Uses contents of FSR2 to address data memory - value of FSR2 pre-incremented (not a physical register)
n/a
50
PLUSW2
Uses contents of FSR2 to address data memory - value of FSR2 (not a physical register).
Offset by value in WREG.
n/a
50
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High Byte ---- 0000
50
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
50
STATUS
—
—
—
NOV
Z
DC
C
---x xxxx
52
TMR0H
Timer0 Register High Byte
0000 0000
105
TMR0L
Timer0 Register Low Byte
xxxx xxxx
105
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
103
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read '0' in all other Oscillator modes.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
These registers and bits are reserved on the PIC18F2X2 devices; always maintain these clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com