| Electronic Components Datasheet Search |
|
PIC18F442-E/P Datasheet(PDF) 97 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F442-E/P Datasheet(HTML) 97 Page - Microchip Technology |
|
97 / 332 page ![]() 2002 Microchip Technology Inc. DS39564B-page 95 PIC18FXX2 9.4 PORTD, TRISD and LATD Registers This section is applicable only to the PIC18F4X2 devices. PORTD is an 8-bit wide, bi-directional port. The corre- sponding Data Direction register is TRISD. Setting a TRISD bit (= 1) will make the corresponding PORTD pin an input (i.e., put the corresponding output driver in a Hi-Impedance mode). Clearing a TRISD bit (= 0) will make the corresponding PORTD pin an output (i.e., put the contents of the output latch on the selected pin). The Data Latch register (LATD) is also memory mapped. Read-modify-write operations on the LATD register reads and writes the latched output value for PORTD. PORTD is an 8-bit port with Schmitt Trigger input buff- ers. Each pin is individually configurable as an input or output. PORTD can be configured as an 8-bit wide micropro- cessor port (parallel slave port) by setting control bit PSPMODE (TRISE<4>). In this mode, the input buffers are TTL. See Section 9.6 for additional information on the Parallel Slave Port (PSP). EXAMPLE 9-4: INITIALIZING PORTD FIGURE 9-8: PORTD BLOCK DIAGRAM IN I/O PORT MODE Note: On a Power-on Reset, these pins are configured as digital inputs. CLRF PORTD ; Initialize PORTD by ; clearing output ; data latches CLRF LATD ; Alternate method ; to clear output ; data latches MOVLW 0xCF ; Value used to ; initialize data ; direction MOVWF TRISD ; Set RD<3:0> as inputs ; RD<5:4> as outputs ; RD<7:6> as inputs Data Bus WR LATD WR TRISD RD PORTD Data Latch TRIS Latch RD TRISD Schmitt Trigger Input Buffer I/O pin(1) Q D CK Q D CK EN QD EN RD LATD or PORTD Note 1: I/O pins have diode protection to VDD and VSS. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |