Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F442-E/P Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 56Page - Microchip Technology PIC18F442-E/P Datasheet HTML 57Page - Microchip Technology PIC18F442-E/P Datasheet HTML 58Page - Microchip Technology PIC18F442-E/P Datasheet HTML 59Page - Microchip Technology PIC18F442-E/P Datasheet HTML 60Page - Microchip Technology PIC18F442-E/P Datasheet HTML 61Page - Microchip Technology PIC18F442-E/P Datasheet HTML 62Page - Microchip Technology PIC18F442-E/P Datasheet HTML 63Page - Microchip Technology PIC18F442-E/P Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 332 page
background image
PIC18FXX2
DS39564B-page 58
 2002 Microchip Technology Inc.
5.2.2
TABLAT - TABLE LATCH REGISTER
The Table Latch (TABLAT) is an 8-bit register mapped
into the SFR space. The Table Latch is used to hold
8-bit data during data transfers between program
memory and data RAM.
5.2.3
TBLPTR - TABLE POINTER
REGISTER
The Table Pointer (TBLPTR) addresses a byte within
the program memory. The TBLPTR is comprised of
three SFR registers: Table Pointer Upper Byte, Table
Pointer High Byte and Table Pointer Low Byte
(TBLPTRU:TBLPTRH:TBLPTRL). These three regis-
ters join to form a 22-bit wide pointer. The low order 21
bits allow the device to address up to 2 Mbytes of pro-
gram memory space. The 22nd bit allows access to the
Device ID, the User ID and the Configuration bits.
The table pointer, TBLPTR, is used by the TBLRD and
TBLWT
instructions. These instructions can update the
TBLPTR in one of four ways based on the table opera-
tion. These operations are shown in Table 5-1. These
operations on the TBLPTR only affect the low order
21 bits.
5.2.4
TABLE POINTER BOUNDARIES
TBLPTR is used in reads, writes, and erases of the
FLASH program memory.
When a TBLRD is executed, all 22 bits of the Table
Pointer determine which byte is read from program
memory into TABLAT.
When a TBLWT is executed, the three LSbs of the Table
Pointer (TBLPTR<2:0>) determine which of the eight
program memory holding registers is written to. When
the timed write to program memory (long write) begins,
the
19
MSbs
of
the
Table
Pointer,
TBLPTR
(TBLPTR<21:3>), will determine which program mem-
ory block of 8 bytes is written to. For more detail, see
Section 5.5 (“Writing to FLASH Program Memory”).
When an erase of program memory is executed, the 16
MSbs of the Table Pointer (TBLPTR<21:6>) point to the
64-byte block that will be erased. The Least Significant
bits (TBLPTR<5:0>) are ignored.
Figure 5-3 describes the relevant boundaries of
TBLPTR
based
on
FLASH
program
memory
operations.
TABLE 5-1:
TABLE POINTER OPERATIONS WITH TBLRD AND TBLWT INSTRUCTIONS
FIGURE 5-3:
TABLE POINTER BOUNDARIES BASED ON OPERATION
Example
Operation on Table Pointer
TBLRD*
TBLWT*
TBLPTR is not modified
TBLRD*+
TBLWT*+
TBLPTR is incremented after the read/write
TBLRD*-
TBLWT*-
TBLPTR is decremented after the read/write
TBLRD+*
TBLWT+*
TBLPTR is incremented before the read/write
21
16
15
87
0
ERASE - TBLPTR<21:6>
WRITE - TBLPTR<21:3>
READ - TBLPTR<21:0>
TBLPTRL
TBLPTRH
TBLPTRU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com