Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F442-E/P Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 16Page - Microchip Technology PIC18F442-E/P Datasheet HTML 17Page - Microchip Technology PIC18F442-E/P Datasheet HTML 18Page - Microchip Technology PIC18F442-E/P Datasheet HTML 19Page - Microchip Technology PIC18F442-E/P Datasheet HTML 20Page - Microchip Technology PIC18F442-E/P Datasheet HTML 21Page - Microchip Technology PIC18F442-E/P Datasheet HTML 22Page - Microchip Technology PIC18F442-E/P Datasheet HTML 23Page - Microchip Technology PIC18F442-E/P Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 332 page
background image
PIC18FXX2
DS39564B-page 18
 2002 Microchip Technology Inc.
TABLE 2-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR
An external clock source may also be connected to the
OSC1 pin in the HS, XT and LP modes, as shown in
Figure 2-2.
FIGURE 2-2:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR LP
OSC CONFIGURATION)
2.3
RC Oscillator
For timing-insensitive applications, the “RC” and
“RCIO” device options offer additional cost savings.
The RC oscillator frequency is a function of the supply
voltage, the resistor (REXT) and capacitor (CEXT) val-
ues and the operating temperature. In addition to this,
the oscillator frequency will vary from unit to unit due to
normal process parameter variation. Furthermore, the
difference in lead frame capacitance between package
types will also affect the oscillation frequency, espe-
cially for low CEXT values. The user also needs to take
into account variation due to tolerance of external R
and C components used. Figure 2-3 shows how the
R/C combination is connected.
In the RC Oscillator mode, the oscillator frequency
divided by 4 is available on the OSC2 pin. This signal
may be used for test purposes or to synchronize other
logic.
FIGURE 2-3:
RC OSCILLATOR MODE
The RCIO Oscillator mode functions like the RC mode,
except that the OSC2 pin becomes an additional gen-
eral purpose I/O pin. The I/O pin becomes bit 6 of
PORTA (RA6).
Ranges Tested:
Mode
Freq
C1
C2
LP
32.0 kHz
33 pF
33 pF
200 kHz
15 pF
15 pF
XT
200 kHz
22-68 pF
22-68 pF
1.0 MHz
15 pF
15 pF
4.0 MHz
15 pF
15 pF
HS
4.0 MHz
15 pF
15 pF
8.0 MHz
15-33 pF
15-33 pF
20.0 MHz
15-33 pF
15-33 pF
25.0 MHz
15-33 pF
15-33 pF
These values are for design guidance only.
See notes following this table.
Crystals Used
32.0 kHz
Epson C-001R32.768K-A
± 20 PPM
200 kHz
STD XTL 200.000KHz
± 20 PPM
1.0 MHz
ECS ECS-10-13-1
± 50 PPM
4.0 MHz
ECS ECS-40-20-1
± 50 PPM
8.0 MHz
Epson CA-301 8.000M-C
± 30 PPM
20.0 MHz
Epson CA-301 20.000M-C
± 30 PPM
Note 1: Higher capacitance increases the stability
of the oscillator, but also increases the
start-up time.
2: Rs may be required in HS mode, as well
as XT mode, to avoid overdriving crystals
with low drive level specification.
3: Since each resonator/crystal has its own
characteristics, the user should consult the
resonator/crystal manufacturer for appro-
priate values of external components., or
verify oscillator performance.
OSC1
OSC2
Open
Clock from
Ext. System
PIC18FXXX
Note:
If the oscillator frequency divided by 4 sig-
nal is not required in the application, it is
recommended to use RCIO mode to save
current.
OSC2/CLKO
CEXT
REXT
PIC18FXXX
OSC1
FOSC/4
Internal
Clock
VDD
VSS
Recommended values:3 k
Ω ≤ REXT ≤ 100 kΩ
CEXT > 20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com