Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F442-E/P Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 61Page - Microchip Technology PIC18F442-E/P Datasheet HTML 62Page - Microchip Technology PIC18F442-E/P Datasheet HTML 63Page - Microchip Technology PIC18F442-E/P Datasheet HTML 64Page - Microchip Technology PIC18F442-E/P Datasheet HTML 65Page - Microchip Technology PIC18F442-E/P Datasheet HTML 66Page - Microchip Technology PIC18F442-E/P Datasheet HTML 67Page - Microchip Technology PIC18F442-E/P Datasheet HTML 68Page - Microchip Technology PIC18F442-E/P Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 63
PIC18FXX2
EXAMPLE 5-3:
WRITING TO FLASH PROGRAM MEMORY (CONTINUED)
5.5.2
WRITE VERIFY
Depending on the application, good programming
practice may dictate that the value written to the mem-
ory should be verified against the original value. This
should be used in applications where excessive writes
can stress bits near the specification limit.
5.5.3
UNEXPECTED TERMINATION OF
WRITE OPERATION
If a write is terminated by an unplanned event, such as
loss of power or an unexpected RESET, the memory
location just programmed should be verified and repro-
grammed if needed.The WRERR bit is set when a write
operation is interrupted by a MCLR Reset, or a WDT
Time-out Reset during normal operation. In these situ-
ations, users can check the WRERR bit and rewrite the
location.
5.5.4
PROTECTION AGAINST SPURIOUS
WRITES
To protect against spurious writes to FLASH program
memory, the write initiate sequence must also be fol-
lowed.
See
“Special
Features
of
the
CPU”
(Section 19.0) for more detail.
5.6
FLASH Program Operation During
Code Protection
See “Special Features of the CPU” (Section 19.0) for
details on code protection of FLASH program memory.
TABLE 5-2:
REGISTERS ASSOCIATED WITH PROGRAM FLASH MEMORY
PROGRAM_MEMORY
BSF
EECON1,EEPGD
; point to FLASH program memory
BCF
EECON1,CFGS
; access FLASH program memory
BSF
EECON1,WREN
; enable write to memory
BCF
INTCON,GIE
; disable interrupts
MOVLW
55h
Required
MOVWF
EECON2
; write 55h
Sequence
MOVLW
AAh
MOVWF
EECON2
; write AAh
BSF
EECON1,WR
; start program (CPU stall)
BSF
INTCON,GIE
; re-enable interrupts
DECFSZ
COUNTER_HI
; loop until done
BRA
PROGRAM_LOOP
BCF
EECON1,WREN
; disable write to memory
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
All Other
RESETS
FF8h
TBLPTRU
—
—
bit21
Program Memory Table Pointer Upper Byte
(TBLPTR<20:16>)
--00 0000
--00 0000
FF7h
TBPLTRH Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
0000 0000
FF6h
TBLPTRL Program Memory Table Pointer High Byte (TBLPTR<7:0>)
0000 0000
0000 0000
FF5h
TABLAT
Program Memory Table Latch
0000 0000
0000 0000
FF2h
INTCON
GIE/
GIEH
PEIE/
GIEL
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
FA7h
EECON2
EEPROM Control Register2 (not a physical register)
——
FA6h
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
uu-0 u000
FA2h
IPR2
—
—
—
EEIP
BCLIP
LVDIP
TMR3IP
CCP2IP
---1 1111
---1 1111
FA1h
PIR2
—
—
—
EEIF
BCLIF
LVDIF
TMR3IF
CCP2IF
---0 0000
---0 0000
FA0h
PIE2
—
—
—
EEIE
BCLIE
LVDIE
TMR3IE
CCP2IE
---0 0000
---0 0000
Legend:
x
= unknown, u = unchanged, r = reserved, - = unimplemented read as '0'.
Shaded cells are not used during FLASH/EEPROM access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com