Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F442-E/P Datasheet(PDF) 71 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 71 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 67Page - Microchip Technology PIC18F442-E/P Datasheet HTML 68Page - Microchip Technology PIC18F442-E/P Datasheet HTML 69Page - Microchip Technology PIC18F442-E/P Datasheet HTML 70Page - Microchip Technology PIC18F442-E/P Datasheet HTML 71Page - Microchip Technology PIC18F442-E/P Datasheet HTML 72Page - Microchip Technology PIC18F442-E/P Datasheet HTML 73Page - Microchip Technology PIC18F442-E/P Datasheet HTML 74Page - Microchip Technology PIC18F442-E/P Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 69
PIC18FXX2
TABLE 6-1:
REGISTERS ASSOCIATED WITH DATA EEPROM MEMORY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
All Other
RESETS
FF2h
INTCON
GIE/
GIEH
PEIE/
GIEL
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
FA9h
EEADR
EEPROM Address Register
0000 0000
0000 0000
FA8h
EEDATA
EEPROM Data Register
0000 0000
0000 0000
FA7h
EECON2 EEPROM Control Register2 (not a physical register)
——
FA6h
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
uu-0 u000
FA2h
IPR2
—
—
—
EEIP
BCLIP
LVDIP
TMR3IP CCP2IP ---1 1111
---1 1111
FA1h
PIR2
—
—
—
EEIF
BCLIF
LVDIF
TMR3IF
CCP2IF
---0 0000
---0 0000
FA0h
PIE2
—
—
—
EEIE
BCLIE
LVDIE
TMR3IE CCP2IE ---0 0000
---0 0000
Legend:
x
= unknown, u = unchanged, r = reserved, - = unimplemented, read as '0'.
Shaded cells are not used during FLASH/EEPROM access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com