Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F442-E/P Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 117Page - Microchip Technology PIC18F442-E/P Datasheet HTML 118Page - Microchip Technology PIC18F442-E/P Datasheet HTML 119Page - Microchip Technology PIC18F442-E/P Datasheet HTML 120Page - Microchip Technology PIC18F442-E/P Datasheet HTML 121Page - Microchip Technology PIC18F442-E/P Datasheet HTML 122Page - Microchip Technology PIC18F442-E/P Datasheet HTML 123Page - Microchip Technology PIC18F442-E/P Datasheet HTML 124Page - Microchip Technology PIC18F442-E/P Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 119
PIC18FXX2
14.3
Capture Mode
In Capture mode, CCPR1H:CCPR1L captures the
16-bit value of the TMR1 or TMR3 registers when an
event occurs on pin RC2/CCP1. An event is defined as
one of the following:
• every falling edge
• every rising edge
• every 4th rising edge
• every 16th rising edge
The event is selected by control bits CCP1M3:CCP1M0
(CCP1CON<3:0>). When a capture is made, the inter-
rupt request flag bit CCP1IF (PIR1<2>) is set; it must be
cleared in software. If another capture occurs before the
value in register CCPR1 is read, the old captured value
is overwritten by the new captured value.
14.3.1
CCP PIN CONFIGURATION
In Capture mode, the RC2/CCP1 pin should be
configured as an input by setting the TRISC<2> bit.
14.3.2
TIMER1/TIMER3 MODE SELECTION
The timers that are to be used with the capture feature
(either Timer1 and/or Timer3) must be running in Timer
mode or Synchronized Counter mode. In Asynchro-
nous Counter mode, the capture operation may not
work. The timer to be used with each CCP module is
selected in the T3CON register.
14.3.3
SOFTWARE INTERRUPT
When the Capture mode is changed, a false capture
interrupt may be generated. The user should keep bit
CCP1IE (PIE1<2>) clear to avoid false interrupts and
should clear the flag bit, CCP1IF, following any such
change in Operating mode.
14.3.4
CCP PRESCALER
There are four prescaler settings, specified by bits
CCP1M3:CCP1M0. Whenever the CCP module is
turned off or the CCP module is not in Capture mode,
the prescaler counter is cleared. This means that any
RESET will clear the prescaler counter.
Switching from one capture prescaler to another may
generate an interrupt. Also, the prescaler counter will
not be cleared, therefore, the first capture may be from
a non-zero prescaler. Example 14-1 shows the recom-
mended method for switching between capture pres-
calers. This example also clears the prescaler counter
and will not generate the “false” interrupt.
EXAMPLE 14-1:
CHANGING BETWEEN
CAPTURE PRESCALERS
FIGURE 14-1:
CAPTURE MODE OPERATION BLOCK DIAGRAM
Note:
If the RC2/CCP1 is configured as an out-
put, a write to the port can cause a capture
condition.
CLRF
CCP1CON, F ; Turn CCP module off
MOVLW
NEW_CAPT_PS ; Load WREG with the
; new prescaler mode
; value and CCP ON
MOVWF
CCP1CON
; Load CCP1CON with
; this value
CCPR1H
CCPR1L
TMR1H
TMR1L
Set Flag bit CCP1IF
TMR3
Enable
Q’s
CCP1CON<3:0>
CCP1 pin
Prescaler
÷ 1, 4, 16
and
Edge Detect
TMR3H
TMR3L
TMR1
Enable
T3CCP2
T3CCP2
CCPR2H
CCPR2L
TMR1H
TMR1L
Set Flag bit CCP2IF
TMR3
Enable
Q’s
CCP2CON<3:0>
CCP2 pin
Prescaler
÷ 1, 4, 16
and
Edge Detect
TMR3H
TMR3L
TMR1
Enable
T3CCP2
T3CCP1
T3CCP2
T3CCP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com