Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F442-E/P Datasheet(PDF) 153 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 153 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 149Page - Microchip Technology PIC18F442-E/P Datasheet HTML 150Page - Microchip Technology PIC18F442-E/P Datasheet HTML 151Page - Microchip Technology PIC18F442-E/P Datasheet HTML 152Page - Microchip Technology PIC18F442-E/P Datasheet HTML 153Page - Microchip Technology PIC18F442-E/P Datasheet HTML 154Page - Microchip Technology PIC18F442-E/P Datasheet HTML 155Page - Microchip Technology PIC18F442-E/P Datasheet HTML 156Page - Microchip Technology PIC18F442-E/P Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 151
PIC18FXX2
15.4.7
BAUD RATE GENERATOR
In I2C Master mode, the baud rate generator (BRG)
reload value is placed in the lower 7 bits of the
SSPADD register (Figure 15-17). When a write occurs
to SSPBUF, the baud rate generator will automatically
begin counting. The BRG counts down to 0 and stops
until another reload has taken place. The BRG count is
decremented twice per instruction cycle (TCY) on the
Q2 and Q4 clocks. In I2C Master mode, the BRG is
reloaded automatically.
Once the given operation is complete (i.e., transmis-
sion of the last data bit is followed by ACK), the internal
clock will automatically stop counting and the SCL pin
will remain in its last state.
Table 15-3 demonstrates clock rates based on
instruction cycles and the BRG value loaded into
SSPADD.
FIGURE 15-17:
BAUD RATE GENERATOR BLOCK DIAGRAM
TABLE 15-3:
I2C CLOCK RATE W/BRG
SSPM3:SSPM0
BRG Down Counter
CLKO
Fosc/4
SSPADD<6:0>
SSPM3:SSPM0
SCL
Reload
Control
Reload
FCY
FCY*2
BRG Value
FSCL(2)
(2 Rollovers of BRG)
10 MHz
20 MHz
19h
400 kHz(1)
10 MHz
20 MHz
20h
312.5 kHz
10 MHz
20 MHz
3Fh
100 kHz
4 MHz
8 MHz
0Ah
400 kHz(1)
4 MHz
8 MHz
0Dh
308 kHz
4 MHz
8 MHz
28h
100 kHz
1 MHz
2 MHz
03h
333 kHz(1)
1 MHz
2 MHz
0Ah
100kHz
1 MHz
2 MHz
00h
1 MHz(1)
Note 1: The I2C interface does not conform to the 400 kHz I2C specification (which applies to rates greater than
100 kHz) in all details, but may be used with care where higher rates are required by the application.
2: Actual frequency will depend on bus conditions. Theoretically, bus conditions will add rise time and extend
low time of clock period, producing the effective frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com