Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC976LP3E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC976LP3E
Description  Basestation Infrastructure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC976LP3E Datasheet(HTML) 1 Page - Analog Devices

  HMC976LP3E Datasheet HTML 1Page - Analog Devices HMC976LP3E Datasheet HTML 2Page - Analog Devices HMC976LP3E Datasheet HTML 3Page - Analog Devices HMC976LP3E Datasheet HTML 4Page - Analog Devices HMC976LP3E Datasheet HTML 5Page - Analog Devices HMC976LP3E Datasheet HTML 6Page - Analog Devices HMC976LP3E Datasheet HTML 7Page - Analog Devices HMC976LP3E Datasheet HTML 8Page - Analog Devices HMC976LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC976LP3E
400mA LOW NOISE, HIGH PSRR
LINEAR VOLTAGE REGULATOR
v02.1112
General Description
Features
Functional Diagram
The HMC976LP3E is a BiCMOS ultra low noise
linear voltage regulator. The high Power Supply
Rejection Ratio (PSRR) in the 0.1 MHz to 10 MHz
range provides excellent rejection of any preceding
switching regulator or other power supply noise.
The voltage output is ideal for frequency generation
subsystems including Hittite’s broad line of PLLs with
integrated VCOs.
The output voltage can be adjusted lower than the
default value by using one external resistor. The output
can be set to 5V by grounding the HV pin. The regulator
can be powered down by the TTL-compatible Enable
input. The HMC976LP3E is housed in a 3x3mm QFN
SMT package.
High Output Current: 400mA
Low Dropout: 300mV at 400mA Output and VR>3V
Ultra Low Noise: 3nV/√Hz at 10 kHz, 6nV/√Hz at 1 kHz
High Power Supply Rejection Ratio (PSRR):
<-60 dB at 1 kHz, <-30 dB at 1 MHz
Adjustable Voltage Output: VR 1.8 to 5V at 400mA
Designed to work with low ESR ceramic capacitors
Low Power-Down Current: <1 µA
Thermal Protection
16 Lead 3x3 mm SMT Package: 9mm²
Typical Applications
The HMC976LP3E is ideal for:
• Test Instrumentation
• Military Radios, Radar and ECM
• Basestation Infrastructure
• Ultra Low Noise Frequency Generation
• Fractional-N Synthesizer Supply
• Microwave VCO Supply
• Mixed-Signal Circuit Supply
• Low Noise Baseband Circuit Supply
Table 1. Electrical Specifications, TA = +25 °C
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage VR (Default)
Vdd = 5.5V; Maximum load current
4.7
4.8
4.9
V
Output Voltage VR (5V setting)
Vdd = 5.5V; Maximum load current
4.9
5
5.1
V
Output Voltage Tolerance
Vdd = 5.5V; Maximum load current;
Default and 5V setting
2
%
Input Voltage Range (Default)
Default output voltage configuration
5.1
5.5
V
Input Voltage Range
For VR>3V[1] VDD>VR+0.3V
3.3
5.5
V
Output Voltage Range VR
Set by external resistors.
1.8
5.1
V
[1] See Absolute Maximum Ratings Table “Absolute Maximum Ratings”
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC976LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC976LP3E HITTITE-HMC976LP3E Datasheet
1Mb / 12P
400mA LOW NOISE, HIGH PSRR LINEAR VOLTAGE REGULATOR
More results

Similar Description - HMC976LP3E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB9500 INFINEON-PMB9500 Datasheet
2Mb / 2P
3G Basestation Pro cessor
2004-01-01
logo
EM Microelectronic - MA...
EM4095 EMMICRO-EM4095 Datasheet
204Kb / 10P
Read/Write analog front end for 125kHz RFID Basestation
logo
Advanced Power Technolo...
MS1453 ADPOW-MS1453 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASESTATION APPLICATIONS
logo
NXP Semiconductors
PCF7991AT PHILIPS-PCF7991AT Datasheet
66Kb / 1P
Advanced Basestation IC, ABIC
May 1998
logo
EPCOS
B5107 EPCOS-B5107 Datasheet
56Kb / 6P
SAW RF filter Basestation
B5113 EPCOS-B5113 Datasheet
59Kb / 6P
SAW RF filter Basestation
B5117 EPCOS-B5117 Datasheet
46Kb / 6P
SAW RF filter Basestation
B5124 EPCOS-B5124 Datasheet
67Kb / 7P
SAW RF filter Basestation
logo
TriQuint Semiconductor
855049 TRIQUINT-855049_15 Datasheet
69Kb / 1P
160 MHz CDMA SAW Filter for Basestation Transmitter Applications
logo
List of Unclassifed Man...
PCF7991AT ETC2-PCF7991AT Datasheet
109Kb / 19P
Fully integrated single chip basestation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com