Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC976LP3E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC976LP3E
Description  Basestation Infrastructure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC976LP3E Datasheet(HTML) 3 Page - Analog Devices

  HMC976LP3E Datasheet HTML 1Page - Analog Devices HMC976LP3E Datasheet HTML 2Page - Analog Devices HMC976LP3E Datasheet HTML 3Page - Analog Devices HMC976LP3E Datasheet HTML 4Page - Analog Devices HMC976LP3E Datasheet HTML 5Page - Analog Devices HMC976LP3E Datasheet HTML 6Page - Analog Devices HMC976LP3E Datasheet HTML 7Page - Analog Devices HMC976LP3E Datasheet HTML 8Page - Analog Devices HMC976LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC976LP3E
400mA LOW NOISE, HIGH PSRR
LINEAR VOLTAGE REGULATOR
v02.1112
Figure 1. Vout=5V Output Noise
Spectral Density [1]
Figure 2. Vout=3.3V Output Noise
Spectral Density [2]
10
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)
C3=1uF
C2=1uF
C3=1uF
C2=10uF
C3=4.7uF
C2 =4.7uF
10
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)
C3=4.7uF
C2=4.7uF
C3=4.7uF
C2=10uF
4.950
4.955
4.960
4.965
4.970
4.975
1.150
1.155
1.160
1.165
1.170
1.175
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
VREF
VR
4.40
4.50
4.60
4.70
4.80
4.90
5.00
0
0.1
0.2
0.3
0.4
0.5
0.6
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
25C
85C
-40
INPUT VOLTAGE (V)
-80
-70
-60
-50
-40
-30
-20
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)
VIN-VOUT=0.4V
VIN-VOUT=0.6V
VIN-VOUT=0.8V
-90
-80
-70
-60
-50
-40
-30
-20
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)
VIN-VOUT=0.25V
VIN-VOUT=0.5V
VIN-VOUT=0.8V
VIN-VOUT=1.0V
VIN-VOUT=1.7V
[1] VDD=5.5V,400mA Load see “HMC976LP3E 5V User Application Schematic”
[2] VDD=5.0V,400mA Load see “HMC976LP3E 3.3V User Application Schematic”
[3] VDD=5.5V,400mA Load see “HMC976LP3E 4.8V User Application Schematic”.
[4] Temperature is the ambient temperature of the standard HMC976LP3E evaluation board, still air.
Figure 3. Vout 4.8V PSRR vs.
Vin-Vout [3]
Figure 4. Vout=3.3V PSRR vs.
Vin-Vout [2]
Figure 5. Vout=5V and Vref vs.
Temperature [1,4]
Figure 6. Vout=5V and Vref vs.
Temperature [1,4]
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com