Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC976LP3E Datasheet(PDF) 9 Page - Analog Devices

Part # HMC976LP3E
Description  Basestation Infrastructure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC976LP3E Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC976LP3E Datasheet HTML 4Page - Analog Devices HMC976LP3E Datasheet HTML 5Page - Analog Devices HMC976LP3E Datasheet HTML 6Page - Analog Devices HMC976LP3E Datasheet HTML 7Page - Analog Devices HMC976LP3E Datasheet HTML 8Page - Analog Devices HMC976LP3E Datasheet HTML 9Page - Analog Devices HMC976LP3E Datasheet HTML 10Page - Analog Devices HMC976LP3E Datasheet HTML 11Page - Analog Devices HMC976LP3E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC976LP3E
400mA LOW NOISE, HIGH PSRR
LINEAR VOLTAGE REGULATOR
v02.1112
Output Voltage Adjustment
The default output voltage is 4.8V this configuration “HMC976LP3E 4.8V User Application Schematic”.
The output voltage can be set to 5V by a ground on HV pin 5 “HMC976LP3E 5V User Application Schematic”.
The output voltage can be set from 1.8V to <4.8V by a resistor from pin 2 to the output pin 11 shown in
“HMC976LP3E 3.3V User Application Schematic”. The value of the resistor is given by the equation below.
If the temperature stability performance similar to that shown in the plot “Vout=5V and Vref vs. Temperature” is
required, then any external resistor temperature coefficient is a critical parameter and should be better than 50ppm
and 1% tolerance. Please note that the temperature coefficient of the internal resistor feedback divider is 270ppm/°C.
Layout of PCB
The layout of the PCB should follow these guide lines, the PADDLE should be connected to ground with at least 5 vias
directly under the paddle to the bottom side ground plane. To ensure the noise and PSRR specifications are met,
the capacitors connecting to Pins 15, 11, 3 (see user application schematics), should be placed as close as possible
to the relevant pin and the ground connection should be as short as possible. Trace widths and via sizes should be
scaled to match the current drawn. The use of a large ground plane is recommended with a large number of ground
vias near the device to carry the ground.
Thermal Protection
The HMC976LP3E includes an integrated thermal protection circuit. If the junction temperature of the HMC976LP3E
reaches the maximum operating junction temperature (115°C max, 130°C typical) then the thermal protection circuit
temporarily disables the HMC976LP3E outputs (with ~500uA output current) until the junction temperature cools down
by approximately 10°C.
A typical reason for the increase of the junction temperature is an unexpected increase in current draw. By disabling
the outputs, the HMC976LP3E is in this case protecting the other devices on the PCB that it is supplying with current.
The thermal protection circuitry will also indirectly protect against a short circuit at the output. After the overload or the
fault condition is removed or changed, the regulator output returns to the nominal operation
For reliable long term operation the “Recommended Operating Condition” must be followed and the maximum junc-
tion temperature must not be exceeded. The junction temperature for a given dissipation can be calculated from the
equation below:
Where Tj=Junction Temperature (°C), Ta=Ambient Temperature (°C), Pd=Dissipated Power (W)
=Thermal
Resistivity Junction to Ambient (°C/W). Please refer to Table 2 for thermal resistance values.
⎟
⎠
⎞
⎜
⎝
⎛
−
⎟
⎠
⎞
⎜
⎝
⎛
−
⎟
⎠
⎞
⎜
⎝
⎛
−
⎟
⎠
⎞
⎜
⎝
⎛
=
1
17
.
1
*
32
.
0
1
9
.
18
*
1
17
.
1
1
Vout
Vout
R
(Kohms)
TT
P
j
a
dja
=+
×


θ
θja
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com