Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC976LP3E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC976LP3E
Description  Basestation Infrastructure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC976LP3E Datasheet(HTML) 2 Page - Analog Devices

  HMC976LP3E Datasheet HTML 1Page - Analog Devices HMC976LP3E Datasheet HTML 2Page - Analog Devices HMC976LP3E Datasheet HTML 3Page - Analog Devices HMC976LP3E Datasheet HTML 4Page - Analog Devices HMC976LP3E Datasheet HTML 5Page - Analog Devices HMC976LP3E Datasheet HTML 6Page - Analog Devices HMC976LP3E Datasheet HTML 7Page - Analog Devices HMC976LP3E Datasheet HTML 8Page - Analog Devices HMC976LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC976LP3E
400mA LOW NOISE, HIGH PSRR
LINEAR VOLTAGE REGULATOR
v02.1112
Table 1. Electrical Specifications (Continued)
Parameter
Conditions
Min
Typ
Max
Units
Reference Voltage VREF
Vdd = 5.5V; REF cannot source/sink
external current
1.17
V
Output Current VR [1]
TA = -40°C to +85°C
400
mA
Output Noise Spectral Density
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
Vdd = 5.5V; VR = 5.0V
Measured on Application Schematic [3]
Maximum Load Current
4000
120
6
3
3
nV/rtHz
Integrated Output Noise 100 Hz to 100 kHz
Vdd = 5.5V; VR = 5.0V [3]
1.5
µVrms
Load Regulation, VR
Vdd = 5.5V; VR=5.0V
0.01
% / mA
PSRR
1 kHz
10 kHz
100 kHz
1 MHz
10 MHz
50 MHz
Vdd = 5.5V; VR=5.0V
Maximum load current
-70
-65
-45
-35
-30
-20
dB
Output Voltage Variation vs. Package
Base Temperature
25°C to 85°C
-40°C to 25°C
Vdd = 5.5V; VR=5.0V
Maximum load current
0.005
0.005
0.01
0.01
% / °C
% / °C
Current Consumption (IGND)
Ven = Vdd = 5.5V;
Maximum Load Current
1.1
1.5
mA
Power Down Current
Vdd = 5.5V; EN = Low; Output is float-
ing (high - impedance) in Power-Down
mode
1
µA
Start-Up Transient Time
0 to 90% of final voltage
Vdd = 5.5V[3]
200
ms
Enable Input EN High Level
Vdd>=VEN
2
Vdd
V
Enable Input EN Low Level
Vdd>=VEN
0
0.8
V
Output Load Capacitance [2]
To guarantee stability, noise and PSRR
performance [3]
4.7
µF
Thermal Protection Threshold Junction
Temperature [4]
Junction Temperature Rising
115
130
°C
Thermal Protection Hysteresis
10
°C
[1] The regulator does not include short-circuit protection circuitry. The outputs will withstand short-circuit conditions for a duration <10s. The
thermal protection is not intended to be used as a short circuit protection
[2] HMC976LP3E was designed to work with low ESR ceramic capacitors connected to pin 4 VRX.
[3] See HMC976LP3E 5.0V User Application Schematic herein
[4] See figures 14,15, and 16
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com