| Electronic Components Datasheet Search |
|
ZOPT2202 Datasheet(PDF) 17 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ZOPT2202 Datasheet(HTML) 17 Page - Integrated Device Technology |
|
17 / 41 page ![]() ZOPT2202 Datasheet © 2016 Integrated Device Technology, Inc 17 September 21, 2016 3.5 Conversion Control State Machine 3.5.1 Start Up after Power-On or Software Reset The main state machine is set to “Start State” during power-on or software reset. As soon as the reset is released, the internal oscillator is started and the programmed I²C address and the trim values are read from the internal NVM trimming data block. The ZOPT2202 enters Standby Mode as soon as the Idle State is reached as shown in Figure 3.3. NOTE: If the I²C address has not yet been read, the device will respond with NACK to any I²C command and ignore any request to avoid responding to an incorrect I²C address. If any of the UV operation modes become activated through an I²C command (i.e., the LS_EN bit is set to 1 and the UV mode is selected with the respective bits in the MAIN_CTRL register), the internal support blocks are immediately powered on. Once the voltages and currents are settled (typical after 500µs), the state machine checks for trigger events from a measurement scheduler to start conversions according to the selected measurement repeat rates (see section 3.10.2). When the user resets the LS_EN bit to 0, a running conversion will be completed and the relevant ADCs and support blocks will move to Standby Mode thereafter. Figure 3.3 Main State Machine Note: See Table 3.4 for a list of the light sensor channels that are active for the configured LS mode. POR Standby LS_EN !LS_EN Start oscillator Start oscillator Stop oscillator Run Read out NVM fuses Run LS conversion Wait for repeat LS_MEAS_RATE LS_EN LS inactive !LS_EN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |