Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZOPT2202 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZOPT2202
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202 Datasheet(HTML) 1 Page - Integrated Device Technology

  ZOPT2202 Datasheet HTML 1Page - Integrated Device Technology ZOPT2202 Datasheet HTML 2Page - Integrated Device Technology ZOPT2202 Datasheet HTML 3Page - Integrated Device Technology ZOPT2202 Datasheet HTML 4Page - Integrated Device Technology ZOPT2202 Datasheet HTML 5Page - Integrated Device Technology ZOPT2202 Datasheet HTML 6Page - Integrated Device Technology ZOPT2202 Datasheet HTML 7Page - Integrated Device Technology ZOPT2202 Datasheet HTML 8Page - Integrated Device Technology ZOPT2202 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Digital UVA / UVB Energy Sensor
ZOPT2202
Datasheet
© 2016 Integrated Device Technology, Inc
1
September 21, 2016
Description
The ZOPT2202 Sensor integrates two types of ultra-violet optical
sensors: one that is primarily sensitive in the UVA spectral range
and one that is sensitive in the UVB spectral range.
The device is connected via an I²C interface to a microcontroller.
Other I²C or SMBus devices can be connected to the same inter-
face. The device has a programmable interrupt with hysteresis to
respond to events and reduce the microcontroller tasks.
A major application of the device is in smart phones or other
mobile devices to enable UVA and UVB energy level measure-
ments in support of diverse health care applications or contextual
awareness algorithms.
Features
Very high sensitivity for UVA and UVB energy levels
Superior visible light and infrared energy suppression
Very stable spectral response over angle of light incidence
Large dynamic range
Excellent temperature compensation
Lowest conversion repeat noise
Parallel operation of UVA and UVB sensor
I²C interface capable of standard mode (100kHz) or fast mode
(400kHz) communication; 1.8V logic compatible
Programmable interrupt function for UVA or UVB sensor with
upper and lower thresholds
Sensor Features
UVA/UVB sensor in a matrix array arrangement
Configurable output resolution: 13 to 20 bits
Configurable analog gain:
1 to 18
Linear output code
Fluorescent light flicker immunity
Physical Characteristics
Wide operation temperature: - 40°C to +90°C
Wide supply voltage: 1.7V to 3.6V
Minimum active current at maximum duty cycle:
— Single channel: 110µA typical
— Dual channel: 130µA typical
Note: Average current is proportionally lower with lower
measurement rates.
Low standby current: 1µA typical
Packages:
— LGA6 (2.0
 2.2  0.7 mm)
— TSV (1.1
 1.2  0.26 mm)
ZOPT2202 Application Circuit
VDD
GND
INT
SDA
SCL
SDA
SCL
VDD
GND
INT
µC
ZOPT2202
VDD1
VDD2
VDD2
VDD1: 1.7 to 3.6 V
VDD2: 1.7 to 3.6 V


Similar Part No. - ZOPT2202

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZOPT2202 RENESAS-ZOPT2202 Datasheet
1Mb / 42P
Digital UVA / UVB Energy Sensor
September 21, 2016
ZOPT2202AC5R RENESAS-ZOPT2202AC5R Datasheet
1Mb / 42P
Digital UVA / UVB Energy Sensor
September 21, 2016
ZOPT2202AC9R RENESAS-ZOPT2202AC9R Datasheet
1Mb / 42P
Digital UVA / UVB Energy Sensor
September 21, 2016
ZOPT2202KITV1.0 RENESAS-ZOPT2202KITV1.0 Datasheet
1Mb / 42P
Digital UVA / UVB Energy Sensor
September 21, 2016
More results

Similar Description - ZOPT2202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZOPT2201 IDT-ZOPT2201 Datasheet
1Mb / 44P
Digital Ambient Light and UVB Energy Sensor
logo
Vishay Siliconix
VEML6075 VISHAY-VEML6075 Datasheet
458Kb / 11P
UVA and UVB Light Sensor with I2C Interface
23-Nov-16
logo
Roithner LaserTechnik G...
SIC01XL-A5 ROITHNER-SIC01XL-A5 Datasheet
755Kb / 3P
UVA SIC photodiode
SIC01D-A18 ROITHNER-SIC01D-A18 Datasheet
617Kb / 4P
UVA SIC photodiode
logo
Everlight Electronics C...
EAUVA2016 EVERLIGHT-EAUVA2016 Datasheet
413Kb / 13P
Low power UVA LED
EAUVA3020 EVERLIGHT-EAUVA3020 Datasheet
388Kb / 14P
Low power UVA LED
09.14.2017
EAUVA35352 EVERLIGHT-EAUVA35352_18 Datasheet
496Kb / 15P
Low power UVA LED
logo
Renesas Technology Corp
ZOPT2201 RENESAS-ZOPT2201 Datasheet
1Mb / 45P
Digital Ambient Light and UVB Energy Sensor
September 2, 2016
ZOPT2202 RENESAS-ZOPT2202 Datasheet
1Mb / 42P
Digital UVA / UVB Energy Sensor
September 21, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com