Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZOPT2202 Datasheet(PDF) 25 Page - Integrated Device Technology

Part # ZOPT2202
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202 Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button ZOPT2202 Datasheet HTML 21Page - Integrated Device Technology ZOPT2202 Datasheet HTML 22Page - Integrated Device Technology ZOPT2202 Datasheet HTML 23Page - Integrated Device Technology ZOPT2202 Datasheet HTML 24Page - Integrated Device Technology ZOPT2202 Datasheet HTML 25Page - Integrated Device Technology ZOPT2202 Datasheet HTML 26Page - Integrated Device Technology ZOPT2202 Datasheet HTML 27Page - Integrated Device Technology ZOPT2202 Datasheet HTML 28Page - Integrated Device Technology ZOPT2202 Datasheet HTML 29Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
25
September 21, 2016
3.10.2 LS_MEAS_RATE
Address
04HEX
Default value
22HEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
04HEX
0
LS Resolution / Bit Width
0
LS Measurement Rate
Bit[6:4]
Light Sensor Resolution/ Bit Width. The resolution selected via this register will have an effect on the
measurement time and the accuracy of the measurement.
000BIN
20-Bit – 400ms
001BIN
19-Bit – 200ms
010BIN
18-Bit – 100ms (default)
011BIN
17-Bit – 50ms
100BIN
16-Bit – 25ms
101BIN
13-Bit – 3.125ms
110BIN
Reserved
111BIN
Reserved
Bit[2:0]
LS Measurement Rate. This bit field controls the timing of the periodic measurements of the light
sensor in Active Mode.
000BIN
25ms
001BIN
50ms
010BIN
100ms (default)
011BIN
200ms
100BIN
500ms
101BIN
1000ms
110BIN
2000ms
111BIN
2000ms
Note:
When the measurement repeat rate is programmed to be faster than possible for the specified
ADC measurement time, the repeat rate will be lower than programmed (maximum speed).
Writing to this register stops the ongoing measurements and starts new measurements (depending on the respective enable bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com