Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZOPT2202 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # ZOPT2202
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button ZOPT2202 Datasheet HTML 20Page - Integrated Device Technology ZOPT2202 Datasheet HTML 21Page - Integrated Device Technology ZOPT2202 Datasheet HTML 22Page - Integrated Device Technology ZOPT2202 Datasheet HTML 23Page - Integrated Device Technology ZOPT2202 Datasheet HTML 24Page - Integrated Device Technology ZOPT2202 Datasheet HTML 25Page - Integrated Device Technology ZOPT2202 Datasheet HTML 26Page - Integrated Device Technology ZOPT2202 Datasheet HTML 27Page - Integrated Device Technology ZOPT2202 Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
24
September 21, 2016
Address
Type
Name
Default
Value
Description
27HEX
RW
LS_THRES_VAR
00HEX
Interrupt variance threshold
2FHEX
RW
DEVICE_CONFIG
00HEX
Control bit for I²C address
30HEX
RW
SPECIAL_MODE_1
Special operation mode register 1
31HEX
RW
SPECIAL_MODE_2
Special operation mode register 2
3.10 Detailed Description of Registers
3.10.1 MAIN_CTRL
Address
00HEX
Default value
00HEX
Register access
RW
Bit
7
6
5
4
3
2
1
0
00HEX
0
0
0
SW reset
UVB_ONLY RawMode_SEL
LS_EN
0
Bit[4]
SW resetIf bit is set to 1, a software reset will be triggered.
Bit[3]
UVB_ONLY This bit is only checked if LS_EN is active.
0 (default)
UVAB Modes:
Further UVAB sub-mode selection by Bit[2]
1
UVB_ONLY:
UVB, UV_COMP channels activated,
UVA, UVB2, COMP channels deactivated
Mode takes precedence over other operation modes
Bit[2]
RawMode_SEL
This bit selects the respective UVAB sub-mode
0 (default)
UVAB_S
UVA, UVB2, COMP channels activated
UVB, UV_COMP channels deactivated
1
UVAB_Raw
UVA, UVB, UVB2, UV_COMP, and COMP channels activated
Bit[1]
LS_ EN
1
Light sensor active
0 (default)
Light sensor standby
Bit[0]
Reserved
Writing to this register stops the ongoing measurements and starts new measurements (depending on the respective enable bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com