Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZOPT2202 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ZOPT2202
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ZOPT2202 Datasheet HTML 5Page - Integrated Device Technology ZOPT2202 Datasheet HTML 6Page - Integrated Device Technology ZOPT2202 Datasheet HTML 7Page - Integrated Device Technology ZOPT2202 Datasheet HTML 8Page - Integrated Device Technology ZOPT2202 Datasheet HTML 9Page - Integrated Device Technology ZOPT2202 Datasheet HTML 10Page - Integrated Device Technology ZOPT2202 Datasheet HTML 11Page - Integrated Device Technology ZOPT2202 Datasheet HTML 12Page - Integrated Device Technology ZOPT2202 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
9
September 21, 2016
2. Typical Device Parameters
(VDD = 2.8V; ZOPT2202 configuration: 20-bit resolution and gain range x18; other settings at default unless otherwise noted.)
Figure 2.1 UVAS Spectral Response – Linear
Figure 2.2 UVAS Spectral Response – Logarithmic
Figure 2.3 UVBS Spectral Response – Linear
Figure 2.4 UVBS Spectral Response – Logarithmic
0%
20%
40%
60%
80%
100%
120%
250
350
450
550
650
750
850
950
1050
wavelength (nm)
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
250
350
450
550
650
750
850
950
1050
wavelength (nm)
0%
20%
40%
60%
80%
100%
120%
250
350
450
550
650
750
850
950
1050
wavelength (nm)
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
250
350
450
550
650
750
850
950
1050
wavelength (nm)
Unverifiable
measurement
data;
tool limit reached
Unverifiable
measurement
data;
tool limit reached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com