Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZOPT2202 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ZOPT2202
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ZOPT2202 Datasheet HTML 12Page - Integrated Device Technology ZOPT2202 Datasheet HTML 13Page - Integrated Device Technology ZOPT2202 Datasheet HTML 14Page - Integrated Device Technology ZOPT2202 Datasheet HTML 15Page - Integrated Device Technology ZOPT2202 Datasheet HTML 16Page - Integrated Device Technology ZOPT2202 Datasheet HTML 17Page - Integrated Device Technology ZOPT2202 Datasheet HTML 18Page - Integrated Device Technology ZOPT2202 Datasheet HTML 19Page - Integrated Device Technology ZOPT2202 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
16
September 21, 2016
Mode
Number
Mode
Name
Comment
4
UVAB_Raw
Active ADC Channels: UVA, UVB, UVB2, UV_COMP, COMP
UVAB_Raw Mode allows optimum temperature and stray light compensation for UVA and UVB sensor output
data by external post-processing.
UVAB_Raw Mode uses a special operation mode of the ZOPT2202. It requires a specific sequence
to initialize after power up.
 The following commands must be sent via I²C single byte access to activate the special operation
mode of ZOPT2202:
o
Write B5HEX to register 31HEX
o
Write DFHEX to register 30HEX
o
Write 04HEX to register 31HEX
UVAB_Raw operation is activated (after the sequence above has been sent) by setting the LS_EN
and RawMode_SEL bits to 1 and setting the UVB_Only bit to 0 in the MAIN_CTRL register (see
section 3.10.1)
o
Write 06HEX to register 00HEX
No internal temperature and stray light compensation is carried out. All channel data registers carry
the uncompensated raw data as received from ADCs
Important: Proper temperature and stray light compensation must be done on the application level
applying following formulas:
o
UVA = UVA_raw – UV_COMP
o
UVB = UVB_raw – UV_COMP
Important: The internal digital trimming factors are not applied to the output data in the UVAB_Raw Mode. If
this mode is used, contact IDT for the related application note (see contact information on last page).
Table 3.4 Channel Activation vs. Operation Mode
Mode
Number
Mode Name
UVA
UVB
UVB2
UV_COMP
COMP
Inactive
Active
Inactive
Active
Inactive
Active
Inactive
Active
Inactive
Active
1
Standby
2
UVAB_S
3
UVB_ONLY
4
UVAB_Raw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com