Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8753L Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8753L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
5
PIN DESCRIPTION
BGA
PIN NO
NAME
TYPE
DESCRIPTION
J2
1
VXDOUT
Digital Output
Voice ADC Output
H3
2
VXCLK
Digital Input/Output
Voice codec data clock / ADC frame clock
J3
3
VXFS
Digital Input/Output
Voice Codec Frame Sync
H4
4
LRC
Digital Input/Output
DAC Frame Sync
J4
5
BCLK
Digital Input/Output
DAC data clock input / output
J5
6
ADCDAT
Digital Output
ADC Digital Audio Data Alternative Output
H5
7
DACDAT
Digital Input
DAC Digital Audio Data Input
J6
8
MCLK
Digital Input
Master Clock Input
H6
9
DBVDD
Supply
Digital Buffer Supply (supply for digital I/O buffers)
J7
10
DCVDD
Supply
Digital Core Supply (supply for digital logic, except I/O buffers)
H7
11
DGND
Supply
Digital ground (all digital logic)
J8
12
PCMCLK
Digital Input
VOICE codec master clock input (may be looped from PLL output)
J9
13
GP2/CLK2
Digital Output
General Purpose Output 2, usually PLL2 output
G8
14
GP1/CLK1
Digital Output
General Purpose Output 1, usually PLL1 output
H9
15
PGND
Supply
PLL ground
G9
16
PVDD
Supply
PLL Supply
F9
17
HPVDD
Supply
Headphone Supply
E9
18
OUT4
Analogue Output
Analogue Output 4 (Headphone driver)
E8
19
OUT3
Analogue Output
Analogue Output 3 (Headphone driver)
D9
20
ROUT1
Analogue Output
Headphone Output Right
D8
21
LOUT1
Analogue Output
Headphone Output Left
C9
22
HP/SPKRGND
Supply
Headphone and Speaker ground
B9
23
ROUT2
Analogue Output
Speaker Output Right
A9
24
LOUT2
Analogue Output
Speaker Output Left
A8
25
SPKRVDD
Supply
Speaker Supply
B7
26
MONO2
Analogue Output
Mono analogue output 2
B6
27
MONO1
Analogue Output
Mono analogue output 1
A6
28
AVDD
Supply
Analogue supply (feeds ADC and DAC)
A5
29
AGND
Supply
Analogue ground (feeds ADC and DAC)
B5
30
VREF
Reference
Buffered ADC and DAC Reference voltage
A4
31
VMID
Reference
Decoupling for ADC and DAC reference voltage
B4
32
MICBIAS
Analogue Output
Microphone Bias
A3
33
ACIN
Analogue Input
AC coupled input to ALC PGA in record path
B3
34
ACOP
Analogue Output
ALC Mix output
A2
35
LINE1
Analogue Input
Left Channel Input
A1
36
LINE2
Analogue Input
Right Channel input
B1
37
RXP
Analogue Input
RX mono differential input positive signal
C2
38
RXN
Analogue Input
RX mono differential input negative signal
C1
39
MIC1
Analogue Input
Mic Pre-amp input 1
D2
40
MIC1N
Analogue Input
Mic Pre-amp 1 common mode or negative input
D1
41
MIC2
Analogue Input
Mic Pre-amp input 2
E2
42
MIC2N
Analogue Input
Mic Pre-amp 2 common mode or negative input
E1
43
GPIO4
Digital input/Output
GPIO (General Purpose input/output) usually headphone jack insert
autodetect with selectable pull-up/pull-down.
F1
44
MODE/GPIO3
Digital Input / Output
Control interface Mode select on reset or GPIO3
F2
45
CSB/GPIO5
Digital Input / Output
3-wire MPU Chip Select / 2-wire MPU interface address selection or
GPIO5
G1
46
SDIN
Digital Input / Output
3-wire MPU Data Input / 2-wire MPU Date Input / Acknowledge
H1
47
SCLK
Digital Input
3-wire MPU Clock Input / 2-wire MPU Clock Input
J1
48
VXDIN
Digital Input
VOICE DAC Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com