Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8753L Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
23
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
RSEL
0
Record Mixer Select Right Mix
0 : Right Mix not selected into Record
mixer
1 : Right mix selected into Record
mixer
6:4
RRECVOL
[2:0]
101
(0dB)
Right mixer signal to Record mixer
Volume
000 = +6dB
… (3dB steps)
111 = -15dB
3
LSEL
0
Record Mixer Select Left Mix
0 : Left Mix not selected into Record
mixer
1 : Left mix selected into Record mixer
R32 (20h)
Record Mix (1)
2:0
LRECVOL[2:0]
101
(0dB)
Left mixer signal to Record mixer
Volume
000 = +6dB
… (3dB steps)
111 = -15dB
3
MSEL
0
Record Mixer Select Mono Mix
0 : Mono Mix not selected into Record
mixer
1 : Mono mix selected into Record
mixer
R33 (21h)
Record Mix (2)
2:0
MRECVOL
[2:0]
101
Mono mixer signal to Record mixer
Volume
000 = +6dB
… (3dB steps)
111 = -15dB
Table 6 Record Mixer Input Select and Gain Control
MONO MIXING
The stereo ADC can operate as a stereo or mono device, or the two channels can be mixed to mono,
either in the analogue domain (in the front end of the ADC) or in the digital domain (after the ADC).
MONOMIX selects the mode of operation. For analogue mono mix either the left or right channel ADC
can be used, allowing the unused ADC to be powered off or used for a dc measurement conversion.
The user also has the flexibility to select the data output from the audio interface using DATSEL. The
default is for left and right channel ADC data to be output, but the interface may also be configured so
that e.g. left channel ADC data is output as both left and right data for when an analogue mono mix is
selected.
Note:
If DC measurement is selected this overrides the MONOMIX selection.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R46 (2Eh)
ADC
input
Mode
5:4
MONOMIX[1:0]
00
00: Stereo
01: Analogue Mono Mix (using left ADC)
10: Analogue Mono Mix (using right ADC)
11: Digital Mono Mix
Table 7 Mono Mixing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com