Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8753L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8753L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
w
WM8753L
Hi-Fi and Telephony Dual Codec
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Advanced Information, June 2004, Rev 3.1
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8753L is a low power, high quality stereo Codec with
integrated
Voice
CODEC
designed
for
portable
digital
telephony applications such as mobile phone, or headset with
Hi-Fi playback capability.
The device integrates dual interfaces to two differentially
connected microphones, and includes drivers for speakers,
headphone and earpiece. External component requirements
are reduced as no separate microphone or headphone
amplifiers are required, and Cap-less connections can be made
to all loads. Advanced on-chip digital signal processing
performs tone control, Bass Boost and automatic level control
for the microphone or line input through the ADC. The two
ADCs may be used to support Voice noise cancellation in a
partnering DSP, or for stereo recording.
The WM8753L Hi-Fi DAC can operate as a master or a slave,
with various master clock frequencies including 12 or 24MHz
for USB devices, 13MHz or 19.2MHz for cellular systems, or
standard 256fs rates like 12.288MHz and 24.576MHz. Internal
PLLs generate all required clocks for both Voice and Hi-Fi
converters. If audio system clocks already exist, the PLLs may
be committed to alternative uses.
The WM8753L operates at a nominal supply voltage of 2V,
although the digital core can operate at voltages down to 1.42V
to save power, and the maximum for all supplies is 3.6 Volts.
Different sections of the chip can also be powered down under
software control.
FEATURES
•
Hi-Fi DAC: interfaced over I
2S type link
•
Audio sample rates:
8, 11.025, 16, 22.05, 24, 32, 44.1, 48, 88.2, 96
•
DAC SNR 98dB, THD -84dB (‘A’ weighted @ 48kHz)
•
ADC SNR 95dB, THD -82dB (‘A’ weighted @ 48kHz)
•
On-chip Headphone Driver with cap-less output option
-
40mW output power on 16
Ω / 3.3V
-
with 16
Ω load: SNR 90dB, THD –75dB
-
with 10k
Ω load: SNR 94dB, THD –90dB
•
On-chip speaker driver with 0.5W into 8R
•
Voice Codec: interfaced over Voice interface
•
supports sample rates from 8ks/s to 48ks/s
•
ADC and DAC SNR 82dB, THD -74dB
•
Two Differential Microphone Interfaces
-
Dual ADCs support noise cancellation in external DSP
-
Programmable ALC / Noise Gate
•
Low-noise bias supplied for electret microphones
Other features
•
On-chip PLLs supporting 12, 13, 19.2MHz and other clocks
•
Cap-less connection options to headphones, earpiece, spkr.
•
Low power, low voltage
-
1.8V to 3.6V (digital core: 1.42V to 3.6V)
-
power consumption <20mW all-on with 2V supplies
-
<12mW for PCM CODEC operation
•
7x7x0.9mm QFN package, 5x5x0.9mm BGA package
APPLICATIONS
•
MP3 Player / Recorder mobile phone
•
Bluetooth stereo headset


Similar Part No. - WM8753L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8753L WOLFSON-WM8753L Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
WM8753LGEB/RV WOLFSON-WM8753LGEB/RV Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
WM8753LGEB/V WOLFSON-WM8753LGEB/V Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
WM8753LGEFL/RV WOLFSON-WM8753LGEFL/RV Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
WM8753LGEFL/V WOLFSON-WM8753LGEFL/V Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
More results

Similar Description - WM8753L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2030A STMICROELECTRONICS-TDA2030A Datasheet
238Kb / 15P
18W Hi-Fi AMPLIFIER AND 35W DRIVER
Mar-1995
logo
List of Unclassifed Man...
UTC2030 ETC1-UTC2030 Datasheet
174Kb / 14P
18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753_05 Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
logo
List of Unclassifed Man...
500028 ETC2-500028 Datasheet
57Kb / 2P
Stereo Hi-Fi Balun
logo
Cirrus Logic
CS42L73 CIRRUS-CS42L73 Datasheet
205Kb / 7P
Ultra Low Power Mobile Audio and Telephony CODEC
logo
Analog Devices
AD1803 AD-AD1803_15 Datasheet
5Mb / 32P
Modem/Telephony Codec
REV. A
logo
Texas Instruments
TLV320AIC3104 TI1-TLV320AIC3104_17 Datasheet
1Mb / 97P
Low-Power Stereo Audio Codec for Portable Audio and Telephony
logo
LG Semicon Co.,Ltd.
XC102 LG-XC102 Datasheet
12Mb / 59P
MICRO Hi-Fi SYSTEM
logo
Hangzhou Youwang Electr...
UTC2030 YOUWANG-UTC2030 Datasheet
171Kb / 14P
18W Hi-Fi AMPLIFIER AND DRIVER
logo
Cirrus Logic
CS42L92 CIRRUS-CS42L92 Datasheet
11Mb / 333P
32-Bit 384-kHz Hi-Fi Audio Codec
F2 JAN 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com