Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8753L Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 38Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 39Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 40Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 41Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
38
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
BB
0
Bass Boost
0 = Linear bass control
1 = Adaptive bass boost
6:4
BC[2:0]
000
Bass Filter Characteristic – cut-off:
000 = 130Hz at fs = 48kHz
001 = 200Hz at fs = 48kHz
010 = 100Hz at fs = 16kHz
011 = 400Hz at fs = 48kHz
100 = 100Hz at fs = 8kHz
101 = 200Hz at fs = 8kHz
Bass Intensity
Code
BB=0
BB=1
0000
+9dB
15 (max)
0001
+9dB
14
0010
+7.5dB
13
0011
+6dB
12
0100
+4.5dB
11
0101
+3dB
10
0110
+1.5dB
9
0111
0dB
8
1000
-1.5dB
7
1001
-3dB
6
1010
-4.5dB
5
1011
-6dB
4
1100
-6dB
3
1101
-6dB
2
1110
-6dB
1
R10 (0Ah)
Bass Control
3:0
BASS
[3:0]
1111
(Disabled)
1111
Bypass (OFF)
6
TC
0
Treble Filter Characteristic
0 = High Cutoff (8kHz at 48kHz sampling)
1 = Low Cutoff (4kHz at 48kHz sampling)
R11 (0Bh)
Treble Control
3:0
TRBL
[3:0]
1111
(Disabled)
Treble Intensity
0000 or 0001 = +9dB
0010 = +7.5dB
… (1.5dB steps)
1011 to 1110 = -6dB
1111 = Disable
Table 27 Graphic Equaliser
HI-FI DIGITAL TO ANALOGUE CONVERTER (DAC)
After passing through the graphic equaliser filters, digital ‘de-emphasis’ can be applied to the audio
data if necessary (e.g. when the data comes from a CD with pre-emphasis used in the recording). De-
emphasis filtering is available for sample rates of 48kHz, 44.1kHz and 32kHz.
The WM8753L also has a Soft Mute function, which gradually attenuates the volume of the digital
signal to zero. When removed, the gain will ramp back up to the digital gain setting. This function is
enabled by default. To play back an audio signal, it must first be disabled by setting the DACMU bit to
zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com