Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8753L Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 78Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 79Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 80Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 81Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 82Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 83Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 84Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 85Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 87 page
background image
Advanced Information
WM8753L
w
AI Rev 3.1 June 2004
82
DE-EMPHASIS FILTER RESPONSES
-10
-8
-6
-4
-2
0
0
2000
4000
6000
8000
10000
12000
14000
16000
Frequency (Fs)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
2000
4000
6000
8000
10000
12000
14000
16000
Frequency (Fs)
Figure 50 De-emphasis Frequency Response (32kHz)
Figure 51 De-emphasis Error (32kHz)
-10
-8
-6
-4
-2
0
0
5000
10000
15000
20000
Frequency (Fs)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
5000
10000
15000
20000
Frequency (Fs)
Figure 52 De-emphasis Frequency Response (44.1kHz)
Figure 53 De-emphasis Error (44.1kHz)
-10
-8
-6
-4
-2
0
0
5000
10000
15000
20000
Frequency (Fs)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
5000
10000
15000
20000
Frequency (Fs)
Figure 54 De-emphasis Frequency Response (48kHz)
Figure 55 De-emphasis Error (48kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com