Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8753L Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8753L
Description  HI FI AND TELEPHONY DUAL CODEC
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8753L Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8753L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8753L Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
WM8753L
Advanced Information
w
AI Rev 3.1 June 2004
27
AGND
MBVSEL=0
MICBIAS
= 1.8 x VMID
= 0.9 X AVDD
VMID
internal
resistor
internal
resistor
MB
MBVSEL=1
MICBIAS
= 1.5 x VMID
= 0.75 X AVDD
Figure 8 Microphone Bias Schematic
MICBIAS CURRENT DETECT
The WM8753L includes a microphone bias current detect circuit which allows the user to set
thresholds for the microphone bias current, above which an interrupt will be triggered. There are two
separate interrupt bits, MICDET to allow the user to e.g. distinguish between one or two microphones
connected to the WM8753L, and MICSHT to detect a shorted microphone (mic button press). The
thresholds for the microphone bias current are set by MBTHRESH[2:0], for MICDET, and
MBSCTHRESH[1:0] for MICSHT. Thresholds for each code are shown in Table 15. The circuit is
enabled by setting MBCEN.
See the GPIO and Interrupt Controller sections for details on the interrupt and status readback for the
microphone bias current detect.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:4
MBSCTHRESH
00
Microphone Bias, Shorted Current
Threshold Select
00: 500uA
01: 1000uA
10: 1600uA
11: 2300uA
These values are for 3.3V supply and
scale with supply voltage.
3:1
MBTHRESH
000
Microphone Bias, Current Threshold
Select
000:250uA
001:410uA
….160uA steps up to
111:1370uA
These values are for 3.3V supply and
scale with supply voltage.
R51 (33h)
0
MBCEN
0
Mic Bias Current Comparator Circuit
enable
0 : Comparator disabled
1 : Comparator enabled
Table 15 Mic Bias Current Comparator Circuit Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com