Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9830 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 24Page - National Semiconductor (TI) LM9830 Datasheet HTML 25Page - National Semiconductor (TI) LM9830 Datasheet HTML 26Page - National Semiconductor (TI) LM9830 Datasheet HTML 27Page - National Semiconductor (TI) LM9830 Datasheet HTML 28Page - National Semiconductor (TI) LM9830 Datasheet HTML 29Page - National Semiconductor (TI) LM9830 Datasheet HTML 30Page - National Semiconductor (TI) LM9830 Datasheet HTML 31Page - National Semiconductor (TI) LM9830 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
28
http://www.national.com
• Paused until a Resume Scan signal is received. During the hold
current timeout period, the DAC output is held at 0.125V (the
hold current) for FullStep mode, or the DAC outputs are held as
they were prior to stopping for the microstep mode. After the
hold current timeout period, output drivers A, B, A, and B are
deasserted.
• Wait for Resume Scan signal
• Wait for correct number of pixel periods to resynchronize step-
per motor with sensor timing.
• 25% speed forward for y steps (1 step = 4*#pixels in Scanning
Step Size register)
• 50% speed forward for z steps (1 step = 2* #pixels in Scanning
Step Size register).
• Full speed forward (1 step = #pixels in Scanning Step Size
register), with TR pulses synchronized to same the position on
image that they would have been had scanner not stopped.
The Lines to Process After Pause Scan Signal/Lines to Dis-
card After Resume Scan Signal register is not used in reversing
mode.
3.5 Fast Feed Step Size Register
When the motor is being moved quickly (Paper Feed to
End/Paper Feed to Beginning command or Steps to Skip at
Start of Scan register), the microstep period comes from this
register.
For all other motor movement, the step size is given in the Scan-
ning Step Size register.
3.6 Stepper Motor Current Control Using PWM
There is an option to use Pulse Width Modulation of the current in
the stepper motor to increase high speed torque, optimize effi-
ciency, and allow use of a lower current, less expensive motor.
Precisely controlling the current in the motor provides several
benefits. In Full Step Mode, the motor can start moving faster and
overcome inertia by increasing the current to the motor to 100%
when it is starting from a dead stop. After a programmable num-
ber of steps, the inertia is overcome and the current can be
reduced to 66% to reduce heat in the stepper motor (allowing a
less expensive motor to be used). When stopping the stepper
motor, the current is increased to 100% for a short time to over-
come the forward momentum, then the motor is held in position
with a low-level standby current of 30-40%. If the motor is motion-
less for more than the Hold Current Timeout period, the current
goes to 0%.
In microstepping mode, the PWM is used to approximate a sine
wave as shown in Figure 18.
The current control is accomplished by measuring the average
motor winding current through a sense resistor to ground, com-
paring it to a reference voltage, and PWMing the motor driver
transistor to force the current to be equal to the reference current.
See the Stepper Motor Current Controller Block Diagram at
the end of this document.
4.0 Scanner Support Functions
4.1 Illumination Control Block
Scanner systems require an illumination source to supply the
light to the image being scanned. This source may be white (typi-
cally a fluorescent lamp), or red, green, and/or blue LEDs. There
are four illumination modes in the LM9830:
In Illumination Mode 1, the lamp connected to the LAMPR pin is
controlled by the LAMPR On/Off settings in the configuration reg-
ister. The LAMPB output (if used) is controlled the same way. If
the lamp is supposed to be on all the time, then the On setting
should be set to a number between 0 and the value in the Line
End register, and the Off register should be set to a number
greater than the value in the Line End register. Conversely, if the
lamp is supposed to be off all the time, then the On setting should
be set to a number greater than the value in the Line End register,
and the Off register should be set to a number between 0 and the
value in the Line End register. The LAMPG output is a Pulse-
Width-Modulated pulse stream whose duty cycle is controlled by
the value in the PWM register (0-4095). The duty cycle is there-
fore equal to the register value/4096. The PWM counter is
clocked with the CRYSTAL IN frequency so the output frequency
is CRYSTAL IN/4096 (12.2kHz with a 50MHz clock). This PWM
output can be used to control the brightness of a fluorescent
lamp.
In Illumination Mode 2 (which is typically used in conjunction with
1 Channel Mode B), the LAMPR, LAMPG, and LAMPB outputs
are cycled through sequentially, one line at a time. An internal
color counter keeps track of the color of the line to be integrated,
and takes that color’s LAMP output high when the pixel counter
reaches the value stored in that color’s LAMP On register (Con-
figuration Registers 2C-37). If the On value is greater than the
value in the Line End register, then that lamp never turns on. That
color’s LAMP output goes low when the pixel counter reaches
that color’s Off value. If the Off value is greater than the value in
the Line End register, then the pixel counter will never reach the
Off value and the lamp will always stay on. Illumination Mode 2
Illumination
Mode
Description
0
LAMPR, LAMPG, LAMPB outputs = 0.
This is the power-on default.
1
Scanning with white light:
LAMPR and LAMPB controlled by
LAMP On/Off pointers in horizontal
pixel counter (as in Mode 3),
LAMPG is a PWM pulse stream
2
Scanning with 3 LEDs in color:
LAMPR turns on for Red lines
LAMPG turns on for Green lines
LAMPB turns on for Blue lines
3
Scanning with 3 LEDs in gray:
LAMPR turns on for all lines
LAMPG turns on for all lines
LAMPB turns on for all lines
Figure 27: Illumination Modes
Figure 28: Illumination Mode 1
TR
LAMPG
LAMPR (LAMPR On < Line End, LAMPR Off > Line End)
LAMPB (LAMPB On > Line End, LAMPB Off < Line End)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com