Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9830 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 14Page - National Semiconductor (TI) LM9830 Datasheet HTML 15Page - National Semiconductor (TI) LM9830 Datasheet HTML 16Page - National Semiconductor (TI) LM9830 Datasheet HTML 17Page - National Semiconductor (TI) LM9830 Datasheet HTML 18Page - National Semiconductor (TI) LM9830 Datasheet HTML 19Page - National Semiconductor (TI) LM9830 Datasheet HTML 20Page - National Semiconductor (TI) LM9830 Datasheet HTML 21Page - National Semiconductor (TI) LM9830 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
18
http://www.national.com
ILLUMINATION SETTINGS
29
Illumination Mode
Controls the function of the 3 LAMP outputs,
LAMPR, LAMPG, and LAMPB
Mode 0 is the Off/Reset state.
Mode 1 is typically used for CCFL lamps.
Mode 2 is for color scanning with tri-color
LEDs.
Mode 3 is for grayscale scanning with tri-
color LEDs.
00
LAMPR = LAMPG = LAMPB = 0V
(Power-On/Reset Default)
01
Illumination Mode 1 - LAMPR and LAMPB turn on
every line, with their on and off points controlled by
the Pixel Counter settings. LAMPG Output is
continuous PWM pulse stream. (Figure 28)
LAMPR and/or LAMPB may be set to stay on or off at
all times by setting the LAMP Off or LAMP On settings
(registers 2C-37) greater than the Line End value
(registers 20 and 21).
10
Illumination Mode 2 - LAMPR, LAMPG, LAMPB turn
on sequentially at the line rate, with their on and off
points controlled by Pixel Counter settings. (Figure
29)
11
Illumination Mode 3 - LAMPR, LAMPG, LAMPB turn
on every line, with their on and off points controlled by
the Pixel Counter settings. (Figures 30 and 31)
2A
LAMPG PWM - MSB
(Illumination Mode 1)
nnnn
LAMPG output is a PWM pulse stream. Duty cycle is
n/4095. Clock for counter is CRYSTAL IN, giving max
output frequency of 12.2kHz for fCRYSTAL IN = 50MHz.
2B
LAMPG PWM - LSB (Illumination Mode 1)
nnn nnnnn
2C
LAMPR On - MSB
n nnnnnn pixels (1 - 16384)
This selects the pixel count at which the LAMPR
output goes high (if programmed)
2D
LAMPR On - LSB
nnn nnnnn
2E
LAMPR Off - MSB
n nnnnnn pixels (1 - 16384)
This selects the pixel count at which the LAMPR
output goes low (if programmed)
2F
LAMPR Off - LSB
nnn nnnnn
30
LAMPG On - MSB
n nnnnnn pixels (1 - 16384)
This selects the pixel count at which the LAMPG
output goes high (if programmed)
31
LAMPG On - LSB
nnn nnnnn
32
LAMPG Off - MSB
n nnnnnn pixels (1 - 16384)
This selects the pixel count at which the LAMPG
output goes low (if programmed)
33
LAMPG Off - LSB
nnn nnnnn
34
LAMPB On - MSB
n nnnnnn pixels (1 - 16384)
This selects the pixel count at which the LAMPB
output goes high (if programmed)
35
LAMPB On - LSB
nnn nnnnn
36
LAMPB Off - MSB
n nnnnnn pixels (1 - 16384)
This selects the pixel count at which the LAMPB
output goes low (if programmed)
37
LAMPB Off - LSB
nnn nnnnn
STATIC OFFSET AND GAIN SETTINGS FOR ANALOG FRONT END
38
Static Offset (Red)
0 nnnnn Offset = +n*9.3mV, n = 0 to 31
1 nnnnn Offset = -n*9.3mV, n = 0 to 31
39
Static Offset (Green)
0 nnnnn Offset = +n*9.3mV, n = 0 to 31
1 nnnnn Offset = -n*9.3mV, n = 0 to 31
3A
Static Offset (Blue)
0 nnnnn Offset = +n*9.3mV, n = 0 to 31
1 nnnnn Offset = -n*9.3mV, n = 0 to 31
3B
Static Gain (Red)
0 nnnnnGain = 0.93 + 0.067*n (V/V), n = 0 to 31
1 nnnnnGain = 3(0.93 + 0.067*n) (V/V), n = 0 to 31
3C
Static Gain (Green)
0 nnnnnGain = 0.93 + 0.067*n (V/V), n = 0 to 31
1 nnnnnGain = 3(0.93 + 0.067*n) (V/V), n = 0 to 31
3D
Static Gain (Blue)
0 nnnnnGain = 0.93 + 0.067*n (V/V), n = 0 to 31
1 nnnnnGain = 3(0.93 + 0.067*n) (V/V), n = 0 to 31
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com