Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9830 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 15Page - National Semiconductor (TI) LM9830 Datasheet HTML 16Page - National Semiconductor (TI) LM9830 Datasheet HTML 17Page - National Semiconductor (TI) LM9830 Datasheet HTML 18Page - National Semiconductor (TI) LM9830 Datasheet HTML 19Page - National Semiconductor (TI) LM9830 Datasheet HTML 20Page - National Semiconductor (TI) LM9830 Datasheet HTML 21Page - National Semiconductor (TI) LM9830 Datasheet HTML 22Page - National Semiconductor (TI) LM9830 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
19
http://www.national.com
DIGITAL PIXEL RATE OFFSET AND GAIN SETTINGS
3E
Multiplier Gain Range
Smaller gain ranges provide finer control.
Larger gain ranges correct for larger shading
errors.
0 0 1.5:1 (33%)
0 1 2.0:1 (50%)
1 0 3.0:1 (66%)
1 1 Bypass Multiplier
Offset/Gain data format
0
6 bits offset/10 bits gain
1
8 bits offset/8 bits gain
Multiplier Coefficient Source
0
Configuration Register 3F (Fixed)
1
External SRAM
Offset Coefficient Source
0
Configuration Register 40 and 41 (Fixed)
1
External SRAM
3F
Fixed Offset Coefficient
n nnnnnnn
Fixed Offset to use for calibration - 2MSBs are
assumed to be 0 if using 6 bit offset format
40
Fixed Multiplier Coefficient - MSB
n n Fixed Gain to use for calibration - 2LSBs are assumed
to be 0 if using 8 bit gain format
41
Fixed Multiplier Coefficient - LSB
n nnnnnnn
PARALLEL PORT SETTINGS
42
Communication Mode
(for reading data from any of the LM9830’s
registers)
Note: This register must be set
appropriately before data can be read
from the LM9830!
0 8 bit Bidirectional/EPP
1 4 bit Nibble
Parallel Port Output Driver Current
(IOL and IOH can be used to calculate rise
and fall times into the load capacitance:
rise/fall time approximately equals 5V*C/i)
00
IOL = 5mA, IOH = -6mA
01
IOL = 7mA, IOH = -9mA
10
IOL = 9mA, IOH = -12mA
11
IOL = 15mA, IOH = -21mA
EXTERNAL SRAM SETTINGS
43
External SRAM Size
0 0 64 kbytes (not recommended for 600dpi scanners)
0 1 128 kbytes
1 0 256 kbytes
11 N/A
SRAM Interface Output Driver Current
(IOL and IOH can be used to calculate rise
and fall times into the load capacitance:
rise/fall time approximately equals 5V*C/i)
00
IOL = 3.5mA, IOH = -4mA
01
IOL = 6mA, IOH = -7.5mA
10
IOL = 12mA, IOH = -17mA
11
IOL = 21mA, IOH = -32mA
SRAM Bandwidth (8 Bit Data Mode)
8 slot mode should always be used to
maximize performance. If the external
SRAM is to slow to meet the tRD SETUP
requirement, the slower 4 SRAM
accesses/ADC clock mode may be used.
0
4 SRAM accesses/ADC clock
1
8 SRAM accesses/ADC clock
(fMCLK must be 25MHz or lower)
Scanning Duplex (10/12 bit Data Mode)
Full Duplex mode should always be used to
maximize scan speed. If the external SRAM
is to slow to meet the tRD SETUP requirement,
the slower Half Duplex mode may be used.
0
Full Duplex- Can transmit data while scanning
(fMCLK must be 25MHz or lower)
1
Half Duplex - Can only transmit data when buffer is full
or scan has been stopped
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com