Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9830 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 16Page - National Semiconductor (TI) LM9830 Datasheet HTML 17Page - National Semiconductor (TI) LM9830 Datasheet HTML 18Page - National Semiconductor (TI) LM9830 Datasheet HTML 19Page - National Semiconductor (TI) LM9830 Datasheet HTML 20Page - National Semiconductor (TI) LM9830 Datasheet HTML 21Page - National Semiconductor (TI) LM9830 Datasheet HTML 22Page - National Semiconductor (TI) LM9830 Datasheet HTML 23Page - National Semiconductor (TI) LM9830 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
20
http://www.national.com
STEPPER MOTOR CONTROL SETTINGS 1
44
n (Line Skipping)
Part of the “n out of m” function, consisting of
registers 0B (bits 4-7) 44, 45 (bit 5), and 5A.
t
ttttttt
n lines saved in SRAM for every m lines (register 5A)
scanned, function bypassed if register value = 0.
n (lines saved per m lines scanned) = 256 - t
t = 256 - n
If t = 0 then function is bypassed
45
Full/Microstepping
0 Full Step Mode
1 MicroStepping Mode
Current Sensing Phases
= 0 for fullstepping
= 1 for microstepping
0
1 Phase - No microstepping, just kickstart/stop
functions
1
2 Phases - necessary for microstepping
Stepper Motor Phase A Polarity
0
Positive (A/B/A/B Output high = winding energized)
1
Negative (A/B/A/B output low = winding energized)
Stepper Motor Phase B Polarity
0
Positive (A/B/A/B Output high = winding energized)
1
Negative (A/B/A/B output low = winding energized)
A, B, A, and B stepper motor status
0
A, B, A, and B output pins in Tri-State
1
A, B, A, and B output pins active
Line Skipping Phase
Part of the “n out of m” function, consisting of
registers 0B (bits 4-7) 44, 45 (bit 5), and 5A.
0
Red sensor data arrives before Green sensor
1
Blue sensor data arrives before Green sensor
46
Scanning Step Size - MSB
nnnnnnThe step size of one microstep while scanning, in
units of pixel periods (minimum 2).
47
Scanning Step Size - LSB
n nnnnnnn
48
Fast Feed Step Size - MSB
nnnnnnThe step size of one microstep while fast feeding, in
units of pixel periods (minimum 2).
49
Fast Feed Step Size - LSB
n nnnnnnn
4A
Fullsteps to Skip at Start of Scan - MSB
nnnnnnWhen scan starts, paper is fed forward n full steps (0 -
16383) at highest speed. For “zooming” in flatbeds
4B
Fullsteps to Skip at Start of Scan - LSB
n nnnnnnn
4C
Fullsteps to Scan after Paper Sensor #2
trips -MSB
nnnnnnAdds a delay of n (0-16383) full steps between when
Paper Sensor #2 trips and when the scanning bit is
reset, terminating the scan/motor movement.
4D
Fullsteps to Scan after Paper Sensor #2
trips -LSB
n nnnnnnn
4E
Pause scanning, stop/reverse motor
n nnnnnnnPause scan when buffer is n kbytes full
4F
Resume scanning, start motor
n nnnnnnnResume scan when buffer is n kbytes full
50
Full steps to reverse when buffer is full
nnnnnnn (0-63) full steps (0 = do not reverse)
51
Acceleration Profile (stopped)
n n n (0-3) full step time units pause while stopped
Acceleration Profile (25%)
n n
n (0-3) full steps at 25% speed
Acceleration Profile (50%)
n n
n (0-3) full steps at 50% speed
52
Default Phase Difference - MSB
n nnnnnnnUsed to calculate when motor resumes after reversing
and stopping. 1 < n < 65535
53
Default Phase Difference - LSB
n nnnnnnn
54
Lines to Process After Pause Scan Signal
nnn
n (0-7) lines. This only applies if the motor doesn’t
reverse (reverse steps = 0).
Lines to Discard after Resume Scan
Signal
nnn
n (0-7) lines. This only applies if the motor doesn’t
reverse (reverse steps = 0).
Should be set to same value as bits 0-2.
55
Kickstart Steps (fullstepping mode)
nnnMotor gets maximum current for first n (0-7) full steps
Hold Current Timeout
n nnnn
Full step time units (1-31), 0 = no hold current
56
Stepper Motor PWM Frequency
n nnnnnnn
=CRYSTAL IN/(4*n) (0 < n < 256)
=CRYSTAL IN/(4*256) (n = 0)
57
Stepper Motor PWM Set Duty Cycle
nnnnnn= n/64 (default = 0)
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com