Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9830 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9830
Description  LM9830 36-Bit Color Document Scanner
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9830 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM9830 Datasheet HTML 25Page - National Semiconductor (TI) LM9830 Datasheet HTML 26Page - National Semiconductor (TI) LM9830 Datasheet HTML 27Page - National Semiconductor (TI) LM9830 Datasheet HTML 28Page - National Semiconductor (TI) LM9830 Datasheet HTML 29Page - National Semiconductor (TI) LM9830 Datasheet HTML 30Page - National Semiconductor (TI) LM9830 Datasheet HTML 31Page - National Semiconductor (TI) LM9830 Datasheet HTML 32Page - National Semiconductor (TI) LM9830 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
29
http://www.national.com
timing is shown in Figure 29, and in slightly more detail in Figure
41.
Illumination Mode 3 is similar to Illumination Mode 2, except that
the LAMP outputs for all three colors are turned on and off every
line. Illumination Mode 3 timing is shown in Figures 30 and 31.
These modes are in operation whenever the chip is powered on
and not in standby mode. For example, the LAMP outputs in Fig-
ures 29 and 30 keep pulsing whether the LM9830 is in the Idle,
Paper Feed, or Scanning states. This eliminates light amplitude
variations due to the lamp/LEDs warm-up characteristics. Since
the LAMP pulses are synchronized to the TR pulse, which is
determined by the horizontal pixel counter, this means that the
pixel counter is constantly running, and any new scans can only
be started by waiting for the next new line (the next Red line in the
case of Illumination Mode 2).
4.2 CCD/CIS Control Block
This function generates the clock signals necessary to control a
CCD or CIS sensor. The LM9830 features:
• Independent control over the polarity (inverting or noninverting)
of the input stage to accommodate CIS or CDS signals.
• Ability to turn off CDS. When CDS is on, traditional CDS is per-
formed. When CDS is off, the signal is sampled at the Sample
Signal point, but the internal reference is used for the Sample
Reference voltage (not a point on the input signal itself).
• The CP1 output supplies the CP pulse needed on some popu-
lar Toshiba CCDs. This looks and acts just like another, inde-
pendent RS pulse.
• A CP2 output is another independent pixel rate pulse that (if
needed) can be programmed to supply an additional clock.
• CCD clock signals RS, CP1, CP2 are reset when Line Ends
• The internal Clamp signal is reset with Optical Black Pixels End.
• TR1 and TR2 pulse widths are always the same width, as deter-
mined by Register 0E.
• The TR-Ø1 guardband may be equal to 0, causing TR and Ø1
to go high simultaneously and low simultaneously (Figure 32).
This is a requirement of some Canon CIS sensors.
• CIS TR1 Timing Mode 1. In this mode the TR1 pulse is exactly
one Ø clock long, occurring on the rising edge of Ø1. The TR1
pulse width and guardband settings are ignored. For Dyna CIS.
• CIS TR1 Timing Mode 2. In this mode the TR pulse is again
equal to 1 Ø period, but now it is centered around Ø1. The TR
pulse width and guardband settings are ignored. For Canon
CIS.
• To prevent sensor saturation, the LM9830 is always clocking the
CCD/CIS, except when it is in Reset or Standby (Register 7 bit
2 or 3 = 1).
• There is a bit for Fake Optical Black Pixels (register 19, bit 2).
This is used with Dyna CIS sensors. In this mode, the RS out-
put pulses once inside the TR1 pulse, then is held high until the
end of the optical black pixels. The TR1 pulse is extended until
Figure 29: Illumination Mode 2
TR
LAMPG
LAMPB
LAMPR
Figure 30: Illumination Mode 3 (grayscale)
TR
LAMPG
LAMPB
LAMPR
Figure 31: Illumination Mode 3 (green only)
TR
LAMPG
LAMPR (LAMPR On > Line End, LAMPR Off < Line End
LAMPB (LAMPB On > Line End, LAMPB Off < Line End
TR Pulse same as first clock pulse
TR
ø1
Figure 32: TR-Ø1Guardband Can Be Equal To 0
Figure 33: CIS TR1 Timing Mode 1
Dummy
Pixels
RS
TR1
Ø1
Transfer
Phase
Previous
Line
ø1 inside TR1 pulse
TR1
ø1
tø1/4
tø1/4
tø1/4
tø1
Figure 34: CIS TR1 Timing Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com