Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT311D-32L1C-R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
10
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
4
Function Description
FT311D is FTDIs Android Accessory Mode integrated circuit device or Android Host. The FT311D behaves
like a bridge between an Android device and the various I/O available. Selection of various modes is
performed using CNFGx pins.
4.1 Key Features
Easy to use Android accessory IC translating the Device port of the android tablet into either GPIO, UART,
PWM, I2C Master, SPI Slave or SPI Master capabilities
4.2 Functional Block Descriptions
The following paragraphs describe each function within FT311D. Please refer to the block diagram shown
in Figure 2.1.
4.2.1 Peripheral Interface Modules
FT311D has six peripheral interface modules available for selection. Full descriptions of each module are
provided in Section 5.
GPIO - General purpose I/O pins
UART
PWM
I2C Master
SPI Slave
SPI Master
4.2.2 USB Transceivers
USB transceiver cells provide the physical USB device interface supporting USB 1.1 and USB 2.0
standards. Low-speed and full-speed USB data rates are supported. The output driver provides +3.3V
level slew rate control signalling, whilst a differential receiver and two single ended receivers provide USB
DATA IN, SE0 and USB Reset condition detection. These cells also include integrated internal pull-down
resistors as required for host mode.
4.2.3 USB Host
These blocks handle the parallel-to-serial and serial-to-parallel conversion of the USB physical layer. This
includes bit stuffing, CRC generation.
4.3 I/O Peripherals Signal Names
Peripheral
Signal Name
Outputs
Inputs
Description
GPIO
gpio
7
7
General purpose I/O
UART
uart_txd
1
0
Transmit asynchronous data output
uart_rts#
1
0
Request to send control output
uart_rxd
0
1
Receive asynchronous data input
uart_cts#
0
1
Clear to send control input
uart_tx_active
0
1
UART active signal (typically used with RS485)
PWM
pwm
4
0
Pulse width modulation
I2C
I2c_scl
0
1
I2C bus serial clock line - slave
I2c_sda
1
1
I2C bus serial data line - slave
SPI Slave
spi_s_clk
0
1
SPI clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com