Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT311D-32L1C-R Datasheet(PDF) 17 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 17 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
17
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
5.5.2.1 SPI Slave Signal Descriptions
Pin No
Name
Type
Description
29
spi_s0_clk
Input
Slave clock input
30
spi_s0_mosi
Input
Master Out Slave In
Synchronous data from master to slave
31
spi_s0_miso
Output
Master In Slave Out
Synchronous data from slave to master
26
spi_s0_ss#
Input
Slave select
Table 5.4 Data and Control Bus Signal Mode Options - SPI Slave Interface
Note:
The FT311D has to enumerate the Android device before receiving data from the SPI master device.
This can be implemented by disconnecting the SS# signal of SPI Host device until after the FT311D has
established the USB link with Android device.
The connection sequence should be:
1.Connect FT311D to Android and complete enumeration.
2.Connect the SS# of SPI host to FT311D’s SS# then start to communication.
There is a method to implement this function:
1.When FT311D connects to the Android device and enumeration is completed, the USB_ERROR# will
become Logic 0 (default Logic 1). This signal can be used to control the TTL gate (74LVC2G241,
74LVC1G125 or others) ON/OFF such that the Both SS# lines are connected/disconnected.
Figure 5-7 SPI Slave SS gated by Enumeration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com