Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT311D-32L1C-R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
11
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
Peripheral
Signal Name
Outputs
Inputs
Description
spi_s_ss#
0
1
SPI slave select input
spi_s_mosi
1
1
SPI master out serial in
spi_s_miso
1
0
SPI master in slave out
SPI
Master
spi_m_clk
1
0
SPI clock input – master
spi_m_mosi
1
1
Master out slave in - master
spi_m_miso
0
1
Master in slave out - master
spi_m_ss_0#
1
0
Active low slave select 0 from master to slave 0
Table 4.1 I/O Peripherals Signal Names
Note: # is used to indicate an active low signal.
4.4 Default Mode Strings
When the USB port is connected to the Android USB port, the Android platform will determine which
application to load based on the strings read from the FT311D. These strings are configurable with a
Windows utility: FT311Cofiguration.exe available for download from the FTDI website at:
http://www.ftdichip.com/Support/SoftwareExamples/Android/FT311Configuration_V010100.zip
Default values for the strings are set in the device as per Table 4.2
Descriptor String
Default Value
Manufacturer
FTDI
Model (depends on GPIO Mode selection):
GPIO
FTDIGPIODemo
UART
FTDIUARTDemo
PWM
FTDIPWMDemo
I2C
FTDII2CDemo
SPI Slave
FTDISPISlaveDemo
SPI Master
FTDISPIMasterDemo
Version
1.0
Serial
VinculumAccessory1
Description URL
http://www.ftdichip.com
Table 4.2 Default Descriptor Strings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com