Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT311D-32L1C-R Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
24
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
8 Application Examples
The following sections illustrate possible applications of the FT311D.
8.1 USB to GPIO Converter
FT311D
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
3V3
GND
VCCIO
VREGOUT
USBDM
USBDP
1V8 PLL VCC IN
3V3
RESET#
100nF
100nF
4.7uF
+
IOBUS4
470R
VCC
3V3
REGULATOR
5V
27R
27R
100nF
3V3
IOBUS0
IOBUS1
IOBUS2
IOBUS3
IOBUS5
IOBUS6
IOBUS7
470R
470R
470R
GND
GND
47pF
47pF
CNFG0
CNFG1
CNFG2
GND
Figure 8.1 Application Example showing USB to GPIO Converter
This example shows the CNFGx pins set for mode 000 – GPIO.
IOBUS0-3 are configured as outputs by the Android application to control the LEDs.
IOBUS4-6 pins are configured as inputs to allow the buttons to control actions in the Android application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com