| Electronic Components Datasheet Search |
|
FT311D-32L1C-R Datasheet(PDF) 12 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT311D-32L1C-R Datasheet(HTML) 12 Page - Future Technology Devices International Ltd. |
|
12 / 40 page ![]() Copyright © 2013 Future Technology Devices International Limited 12 DS_FT311D USB ANDROID HOST IC Datasheet Version 1.2 Document No.: FT_000660 Clearance No.: FTDI# 305 5 Peripheral Interfaces In addition to the USB Host, FT311D contains the following peripheral interfaces: General Purpose Input Output (GPIO) Universal Asynchronous Receiver Transmitter (UART) Four Pulse Width Modulation blocks (PWM) I2C Master Serial Peripheral Interface (SPI) Slave Serial Peripheral Interface (SPI) Master Note: Only one interface may be selected at any time. The modes are selected by setting the CNFGx pins. The following sections describe each peripheral in detail. 5.1 General Purpose Input Output FT311D provides up to 7 configurable Input/Output pins. All pins are independently configurable to be either inputs or outputs. 5.2 UART Interface When the peripheral interface is configured in UART mode, the interface implements a standard asynchronous serial UART port with flow control, for example RS232/422/485. The UART can support baud rates from 300 baud to 6 Mbaud. Data transfer uses NRZ (Non-Return to Zero) data format consisting of 1 start bit, 7 or 8 data bits, an optional parity bit, and one or two stop bits. When transmitting the data bits, the least significant bit is transmitted first. Transmit and receive waveforms are illustrated in Figure 5-1 and Figure 5-2: Figure 5-1 UART Receive Waveform Figure 5-2 UART Transmit Waveform Baud rate (default =9600 baud), flow control settings (default = RTS/CTS), number of data bits (default=8), parity (default is no parity) and number of stop bits (default=1) are all configurable from the Android application. Please refer to http://www.ftdichip.com/Support/Documents/ProgramGuides/FT31XD_Android_programmer_guide(FT_0 00532).pdf for further details. uart_tx_active is transmit enable, this output may be used in RS485 designs to control the transmit of the line driver. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |