Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT311D-32L1C-R Datasheet(PDF) 25 Page - Future Technology Devices International Ltd.

Part # FT311D-32L1C-R
Description  USB Android Host IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT311D-32L1C-R Datasheet(HTML) 25 Page - Future Technology Devices International Ltd.

Back Button FT311D-32L1C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT311D-32L1C-R Datasheet HTML 29Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
25
DS_FT311D
USB ANDROID HOST IC Datasheet
Version 1.2
Document No.: FT_000660 Clearance No.: FTDI# 305
8.2 USB to UART Converter
FT311D
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
3V3
GND
VCCIO
VREGOUT
USBDM
USBDP
1V8 PLL VCC IN
RESET#
100nF
100nF
4.7uF
+
IOBUS4
VCC
3V3
REGULATOR
5V
27R
27R
100nF
3V3
IOBUS0
IOBUS1
IOBUS2
IOBUS3
IOBUS5
IOBUS6
IOBUS7
GND
47pF
47pF
CNFG0
CNFG1
CNFG2
GND
MCU/FPGA
UART_TXD
UART_RXD
UART_RTS#
UART_CTS#
UART_TX_ACTIVE
3V3
10k
Figure 8.2 Application Example showing USB to UART Converter
This example shows the CNFGx pins set for mode 001 - UART.
The UART signals are at 3V3 level and may be used to drive directly into a FPGA or MCU with a 3V3
interface, or could be level shifted with an RS232, RS422 or RS485 transceiver. The UART_TX_ACTIVE
signal is used mostly with RS485 transceivers to enable the transmit drivers.
The unused pins may be left unterminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com