Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT4222HQ-C-R Datasheet(PDF) 23 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 23 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 27Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Copyright © Future Technology Devices International Limited
23
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
5.4
GPIOs
When the configuration mode of the FT4222H is set as CNFMODE0 or CNFMODE1, a GPIO pipe will be
enabled. These 4 pins, GPIO0, GPIO1, GPIO2 and GPIO3, can be set as general purpose Input/Output
pins or other functions such as multi-channel SPI slave selections, I2C interface, suspend out indicator,
remote wake up input or interrupt. If no functions are set on these pins, the default function is GPIO. The
user can set the direction for GPIOs via the API, FT4222_GPIO_Init, defined in LibFT4222. The logic level
can be read and written via the APIs, FT4222_GPIO_Read and FT4222_GPIO_Write.
The FT4222H also provides an interrupt input source for the user to utilize. GPIO3(pin-16) can be set as
an interrupt input source via the API, FT4222_SetWakeUpInterrupt, defined in LibFT4222. GPIO3 can be
set as a rising edge or falling edge triggered interrupt via FT_Prog. The related parameter defined in the
user area is named as the interrupt trigger edge. The default setting is raising edge triggered. Details can
be referenced in Table9.1.
Figure5.8 shows the different behaviour when GPIO3 acts as GPIO or interrupt. The interrupt is set by
default as rising edge triggered. Users can choose either one for their application.
Figure 5.8 Different status when GPIO3 set as GPIO or interrupt input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com