Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT4222HQ-C-R Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Copyright © Future Technology Devices International Limited
8
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
3.2
Pin Description
FT4222H
Pin No.
Pin Name
Type
Description
1
DEBUGGER
I/O
Debugging pin.
Should be reserved and tied to high
2
STEST_RSTN
I
Chip reset input for test mode. Active low.
Should be reserved and tied to high.
3
RESETN
I
Chip reset input for non-test mode operation. Active low.
4
DCNF0
I
Chip mode configuration selection bit 0. Refer to Section
5.1
5
DCNF1
I
Chip mode configuration selection bit 1. Refer to Section
5.1
6
DGND
P
Digital Ground
7
VCCIO
**
P
+3.3V/2.5V/1.8V supply voltage.
This is the supply voltage for all the I/O ports. This pin
shall be connected to pin 25 when I/O ports are working
at 3.3V
8
SCK
I/O
SPI interface clock. Serial clock output for SPI master;
serial clock input for SPI slave mode
9
MISO
I/O
In SPI master single mode, it is master serial data input.
In SPI master dual/quad mode, it is SPI data bus bit 1.
In SPI slave mode, it is slave serial data output.
10
MOSI
I/O
In SPI master single mode, it is master serial data output.
In SPI master dual/quad mode, it is SPI data bus bit 0.
In SPI slave mode, it is slave serial data input.
11
IO2
I/O
Quad SPI data bus bit 2
12
IO3
I/O
Quad SPI data bus bit 3
13
GPIO0/SS1O/SCL
I/O
GPIO 0 (default) can be configured as slave selection 1,
output pin for SPI master mode or serial clock for
I2C
mode
14
GPIO1/SS2O/SDA
I/O
GPIO 1 (default) can be configured as slave selection 2,
output pin for SPI master mode or serial data for
I2C
mode
15
GPIO2/SS3O/SUSP_OUT
I/O
GPIO 2 (default) can be configured as slave selection 3,
output pin for SPI master mode or USB suspend output
indicator
16
GPIO3/WAKEUP/INTR
I/O
GPIO 3 (default) and can be configured as USB remote
wakeup input pin or interrupt input
17
SS0O
O
Slave selection 0, output pin for SPI master mode.
18
XSCI
AI
Crystal oscillator input, 12MHz only. Related application
circuit can be referred to in Section7.4
19
XSCO
AO
Crystal oscillator output, 12MHz only. Related application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com