Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT4222HQ-C-R Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Copyright © Future Technology Devices International Limited
9
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
FT4222H
Pin No.
Pin Name
Type
Description
circuit can be referred to in Section7.4
20
UGND
P
USB Analog Ground
21
RREF
AI
USB peripheral reference voltage input.
Connect 12Kohm +/- 1% resistor to GND.
22
DM
AI/O
USB peripheral bidirectional DM line.
23
DP
AI/O
USB peripheral bidirectional DP line.
24
UGND
P
USB Analog Ground
25
VOUT3V3
**
P
+3.3V voltage Out
May be used to power VCCIO. When VCCIN is supplied
with 3.3V, this pin is a power input pin. Connect to pin 26.
26
VCCIN
**
P
+5.0V(or 3.3V) supply voltage In
Power source-in to embedded regulator.
27
AGND
P
Analog Ground
28
DGND
P
Digital Ground
29
VPP
P
+6.5V supply voltage In
Power source for Programming embedded OTP. It should
be kept floating or 0V when not in programming mode
30
VBUS_DET
I
VBUS detection input. It is a +5.0V tolerant pin
31
BCD_DET
O
Battery charger detection indicator output when the
device is connected to a dedicated battery charger port.
Polarity can be defined
32
SS
I
SPI slave selection indicator from SPI master. This pin is
active in SPI slave mode. It must be tied to high when SPI
master mode enabled.
Table 3.1 FT4222H Pin Description
**If VCCIN is supplied with 3.3V power input, then VOUT3V3 and VCCIO must also be driven with this
3.3V power source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com