Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT4222HQ-C-R Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  FT4222HQ-C-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Copyright © Future Technology Devices International Limited
5
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
Table of Contents
1
Typical Applications....................................................... 2
1.1 Driver Support ........................................................................... 2
1.2 Ordering Information................................................................. 2
1.3 USB Compliant ........................................................................... 3
2
FT4222H Block Diagram ................................................ 4
3
Device Pin Out and Signal Description........................... 7
3.1 VQFN-32 Package Pin Out .......................................................... 7
3.2 Pin Description .......................................................................... 8
4
Function Description ................................................... 10
4.1 Key Features ............................................................................ 10
4.2 Functional Block Descriptions .................................................. 11
5
FT4222H Chip Mode Configuration and SPI/I2C Interface
14
5.1 Chip Mode Configuration.......................................................... 14
5.2 SPI Bus Interface..................................................................... 15
5.2.1
SPI Pin Definition ...................................................................................... 15
5.2.2
SPI Bus Protocol ....................................................................................... 15
5.2.3
SCK Format.............................................................................................. 17
5.2.4
SPI Timing ............................................................................................... 18
5.3 I2C Bus Interface ..................................................................... 20
5.3.1
I2C Pin Definition....................................................................................... 20
5.3.2
I2C Bus Protocol ........................................................................................ 20
5.3.3
I2C Slave Address...................................................................................... 21
5.3.4
I2C Timing................................................................................................ 21
5.4 GPIOs ...................................................................................... 23
6
Devices Characteristics and Ratings ............................ 24
6.1 Absolute Maximum Ratings...................................................... 24
6.2 ESD and Latch-up Specifications .............................................. 24
6.3 DC Characteristics.................................................................... 25
6.4 OTP Memory Reliability Characteristics.................................... 30
7
FT4222H Configurations .............................................. 31
7.1 USB Bus Powered Configuration ............................................. 31
7.2 Self Powered Configuration with 5V Source Input ................... 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com