Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT4222HQ-C-R Datasheet(PDF) 31 Page - Future Technology Devices International Ltd.

Part # FT4222HQ-C-R
Description  USB2.0 to QuadSPI/I2C Bridge IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4222HQ-C-R Datasheet(HTML) 31 Page - Future Technology Devices International Ltd.

Back Button FT4222HQ-C-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT4222HQ-C-R Datasheet HTML 35Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Copyright © Future Technology Devices International Limited
31
FT4222H USB2.0 TO QUADSPI/I2C BRIDGE IC
1.3
Document No.: FT_001011 Clearance No.: FTDI#405
7
FT4222H Configurations
The following sections illustrate possible USB power configurations for the FT4222H.
7.1
USB Bus Powered Configuration
Figure 7.1 Bus Powered Configuration
Figure 7.1 illustrates the FT4222H in a typical USB2.0 bus powered design configuration. A USB bus
powered device gets its power from the USB bus. Basic rules for USB bus powered devices are as follows
i)
On plug-in to USB, the device should draw no more current than 100mA.
ii)
In USB Suspend mode the device should draw no more than 2.5mA.
iii)
A bus powered, high power USB device (one that draws more than 100mA) can use
SUSP_OUT(pin-15) as a power disable function and use it to keep the current below 2.5mA
on USB suspend.
iv)
A device that consumes more than 100mA cannot be plugged into a USB bus powered hub.
v)
No device can draw more than 500mA from the USB bus.
The power descriptors in the internal OTP memory of the FT4222H should be programmed to match the
current drawn by the device.
A ferrite bead is connected in series with the USB power supply to reduce EMI noise from the FT4222H
and associated circuitry being radiated down the USB cable to the USB host. The value of the Ferrite
Bead depends on the total current drawn by the application. A suitable range of Ferrite Beads is available
from Steward (www.steward.com), for example Laird Technologies Part # MI0805K400R-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com