Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303D Datasheet(PDF) 11 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 7Page - STMicroelectronics LSM303D Datasheet HTML 8Page - STMicroelectronics LSM303D Datasheet HTML 9Page - STMicroelectronics LSM303D Datasheet HTML 10Page - STMicroelectronics LSM303D Datasheet HTML 11Page - STMicroelectronics LSM303D Datasheet HTML 12Page - STMicroelectronics LSM303D Datasheet HTML 13Page - STMicroelectronics LSM303D Datasheet HTML 14Page - STMicroelectronics LSM303D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
DocID023312 Rev 2
11/52
LSM303D
Module specifications
52
2.2
Temperature sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(b).
M_CAS
Magnetic cross-axis sensitivity
Cross field = 0.5 gauss
Applied = ±3 gauss
±1
%FS/
gauss
M_EF
Maximum exposed field
No permanent effect on sensor
performance
10000
gauss
M_DF
Magnetic disturbance field
Sensitivity starts to degrade.
Automatic S/R pulse restores
the sensitivity(5)
20
gauss
LA_ST
Linear acceleration self-test
positive difference(6)
±2 g range, X-, Y-axis
AST = 1 see Table 37
70
1700
mg
±2 g range, Z-axis
AST = 1 see Table 37
70
1700
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Verified by wafer level test and measurement of initial offset and sensitivity.
3. Typical zero-g level offset value after MSL3 preconditioning.
4. Offset can be eliminated by enabling the built-in high-pass filter.
5. Set/reset pulse is automatically applied at each conversion cycle.
6. “Self-test output change” is defined as: OUTPUT[mg](CTRL2 AST bit =1) - OUTPUT[mg](CTRL2 AST bit =0).
Table 3. Sensor characteristics (continued)
Symbol
Parameter
Test conditions
Min. Typ.(1) Max.
Unit
b. The product is factory calibrated at 2.5 V.
Table 4. Temperature sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output
change vs. temperature
-
8
LSB/°C
TODR
Temperature refresh rate
M_ODR
[2:0](2)
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Refer to Table 47: Magnetic data rate configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com