Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303D Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 8Page - STMicroelectronics LSM303D Datasheet HTML 9Page - STMicroelectronics LSM303D Datasheet HTML 10Page - STMicroelectronics LSM303D Datasheet HTML 11Page - STMicroelectronics LSM303D Datasheet HTML 12Page - STMicroelectronics LSM303D Datasheet HTML 13Page - STMicroelectronics LSM303D Datasheet HTML 14Page - STMicroelectronics LSM303D Datasheet HTML 15Page - STMicroelectronics LSM303D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Module specifications
LSM303D
12/52
DocID023312 Rev 2
2.3
Electrical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted.
Table 5. Electrical characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.16
3.6
V
Vdd_IO
Module power supply for I/O
1.71
1.8
Vdd+0.1
Idd
eCompass(2) current consumption
in normal mode(3)
LR setting
CTRL5 (M_RES
[1,0]) = 00b, see
Table 45
300
μA
IddSL
Current consumption in
power-down mode(4)
1
μA
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. eCompass
: accelerometer and magnetic sensor.
3. Magnetic sensor setting ODR = 6.25 Hz, accelerometer sensor ODR = 50 Hz and magnetic high-resolution setting.
4. Linear accelerometer and magnetic sensor in power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com