Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303D Datasheet(PDF) 36 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 32Page - STMicroelectronics LSM303D Datasheet HTML 33Page - STMicroelectronics LSM303D Datasheet HTML 34Page - STMicroelectronics LSM303D Datasheet HTML 35Page - STMicroelectronics LSM303D Datasheet HTML 36Page - STMicroelectronics LSM303D Datasheet HTML 37Page - STMicroelectronics LSM303D Datasheet HTML 38Page - STMicroelectronics LSM303D Datasheet HTML 39Page - STMicroelectronics LSM303D Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Register description
LSM303D
36/52
DocID023312 Rev 2
8.19
CTRL3 (22h)
1
0
362 Hz
1
1
50 Hz
Table 40. Acceleration full-scale selection
AFS2
AFS1
AFS0
Acceleration full scale
0
0
0
±2 g
0
0
1
±4 g
0
1
0
±6 g
0
1
1
±8 g
1
0
0
±16 g
Table 39. Acceleration anti-alias filter bandwidth
ABW1
ABW0
Anti-alias filter bandwidth
Table 41. CTRL3 register
INT1
_BOOT
INT1
_Click
INT1
_IG1
INT1
_IG2
INT1
_IGM
INT1
_DRDY_A
INT1
_DRDY_M
INT1
_EMPTY
Table 42. CTRL3 register description
INT1_BOOT
Boot on INT1 enable. Default value: 0
(0: disable; 1: enable)
INT1_Click
Click generator interrupt on INT1. Default value: 0
(0: disable; 1: enable)
INT1_IG1
Inertial interrupt generator 1 on INT1. Default value: 0
(0: disable; 1: enable)
INT1_IG2
Inertial interrupt generator 2 on INT1. Default value: 0
(0: disable; 1: enable)
INT1_IGM
Magnetic interrupt generator on INT1. Default value: 0
(0: disable; 1: enable)
INT1_DRDY_A
Accelerometer data-ready signal on INT1. Default value: 0
(0: disable; 1: enable)
INT1_DRDY_M
Magnetometer data-ready signal on INT1. Default value: 0
(0: disable; 1: enable)
INT1_EMPTY
FIFO empty indication on INT1. Default value: 0
(0: disable; 1: enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com