Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303D Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 43Page - STMicroelectronics LSM303D Datasheet HTML 44Page - STMicroelectronics LSM303D Datasheet HTML 45Page - STMicroelectronics LSM303D Datasheet HTML 46Page - STMicroelectronics LSM303D Datasheet HTML 47Page - STMicroelectronics LSM303D Datasheet HTML 48Page - STMicroelectronics LSM303D Datasheet HTML 49Page - STMicroelectronics LSM303D Datasheet HTML 50Page - STMicroelectronics LSM303D Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
DocID023312 Rev 2
47/52
LSM303D
Register description
52
8.39
CLICK_SRC (39h)
8.40
CLICK_THS (3Ah)
8.41
TIME_LIMIT (3Bh)
Table 82. CLICK_SRC register
--
IA
DClick
SClick
Sign
Z
Y
X
Table 83. CLICK_SRC register description
IA
Interrupt active. Default value: 0
(0: no interrupt has been generated; 1: one or more interrupts have been generated)
DClick
Double-click enable. Default value: 0
(0: double-click detection disable; 1: double-click detection enable)
SClick
Single-click enable. Default value: 0
(0: single-click detection disable; 1: single-click detection enable)
Sign
Click sign. 0: positive detection; 1: negative detection
Z
Z-click detection. Default value: 0
(0: no interrupt; 1: Z high event has occurred)
Y
Y-click detection. Default value: 0
(0: no interrupt; 1: Y high event has occurred)
X
X-click detection. Default value: 0
(0: no interrupt; 1: X high event has occurred)
Table 84. CLICK_THS register
-
Ths6
Ths5
Ths4
Ths3
Ths2
Ths1
Ths0
Table 85. CLICK_THS register description
Ths[6:0]
Click threshold. Default value: 000 0000
Table 86. TIME_LIMIT register
-
TLI6
TLI5
TLI4
TLI3
TLI2
TLI1
TLI0
Table 87. TIME_LIMIT register description
TLI[6:0]
Click time limit. Default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com