Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM303D Datasheet(PDF) 17 Page - STMicroelectronics

Part # LSM303D
Description  Embedded temperature sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LSM303D Datasheet HTML 13Page - STMicroelectronics LSM303D Datasheet HTML 14Page - STMicroelectronics LSM303D Datasheet HTML 15Page - STMicroelectronics LSM303D Datasheet HTML 16Page - STMicroelectronics LSM303D Datasheet HTML 17Page - STMicroelectronics LSM303D Datasheet HTML 18Page - STMicroelectronics LSM303D Datasheet HTML 19Page - STMicroelectronics LSM303D Datasheet HTML 20Page - STMicroelectronics LSM303D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
DocID023312 Rev 2
17/52
LSM303D
Functionality
52
4
Functionality
4.1
Self-test
The self-test allows checking the linear acceleration sensor functionality without moving the
sensor. The self-test function is off when the self-test bit (AST) is programmed to ‘0‘. When
the self-test bit is programmed to ‘1’, an actuation force is applied to the sensor, simulating a
definite input acceleration. In this case the sensor outputs exhibit a change in their DC
levels which are related to the selected full scale through the device sensitivity. When the
self-test is activated, the device output level is given by the algebraic sum of the signals
produced by the acceleration acting on the sensor and by the electrostatic test-force. If the
output signals change within the amplitude specified inside Section 2.1, then the sensor is
working properly and the parameters of the interface chip are within the defined
specifications.
4.2
Temperature sensor
The LSM303D features an internal temperature sensor. Temperature data can be enabled
by setting the TEMP_EN bit on the CTRL5 (24h) register to 1.
Both the TEMP_OUT_H and TEMP_OUT_L registers must be read.
Temperature data is stored inside TEMP_OUT_L (05h), TEMP_OUT_H (06h) as two’s
complement data in 12-bit format, right-justified.
The output data rate of the temperature sensor is set by M_ODR [2:0] in CTRL5 (24h) and is
equal to the magnetic sensor output data rate.
4.3
FIFO
The LSM303D embeds an acceleration data FIFO for each of the three output channels, X,
Y and Z. This allows consistent power saving for the system, as the host processor does not
need to continuously poll data from the sensor, but it can wake up only when needed and
burst the significant data out from the FIFO. This buffer can work according to four different
modes: Bypass mode, FIFO mode, Stream mode and Stream-to-FIFO mode. Each mode is
selected by the FIFO_MODE bits. Programmable threshold level, FIFO_empty or FIFO_Full
events can be enabled to generate dedicated interrupts on the INT 1 or INT 2 pin.
Bypass mode
In Bypass mode, the FIFO is not operational and for this reason it remains empty. As
described in Figure 5, for each channel only the first address is used. The remaining FIFO
slots are empty.
FIFO mode
In FIFO mode, data from X, Y and Z channels are stored in the FIFO. A FIFO threshold
interrupt can be enabled in order to be raised when the FIFO is filled to the level specified by
the internal register. The FIFO continues filling until it is full. When full, the FIFO stops
collecting data from the input channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com